Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3220EPF-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3220EPF-TRPBF
Description  360mA Universal 18-Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220EPF-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3220EPF-TRPBF Datasheet HTML 7Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 8Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 9Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 10Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 11Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 12Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 13Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 14Page - Linear Technology LTC3220EPF-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3220/LTC3220-1
11
32201fb
Figure 3. Timing Parameters
ACK
123
ADDRESS
WR
456789
12345678
9
123456789
0
0
11
1
000
0
0
111010
S7
S6
S5
S4
S3
S2
S1
S0
76543210
ACK
STOP
START
SDA
SCL
ACK
ADDRESS
LTC3220-1
LTC3220
WR
0
0
111000
S7
S6
S5
S4
S3
S2
S1
S0
76543210
SUB-ADDRESS
DATA BYTE
3220 FO2
Figure 2. Bit Assignments
tSU, DAT
t
HD, STA
tHD, DAT
SDA
SCL
tSU, STA
tHD, STA
tSU, STO
3220 F03
tBUF
tLOW
tHIGH
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
tr
tf
tSP
sub-address register is then written to, followed by the
data register. Each data register has a sub-address. After
the data register has been written a load pulse is created
after the stop bit. The load pulse transfers all of the data
held in the data registers to the DAC registers. The stop
bit can be delayed until all of the data master registers
have been written. At this point the LED current will be
changed to the new settings. The serial port uses static
logic registers so there is no minimum speed at which it
can be operated.
I2C Interface
The LTC3220/LTC3220-1 communicate with a host (master)
using the standard I2C 2-wire interface. The Timing Diagram
(Figure 3) shows the timing relationship of the signals on
the bus. The two bus lines, SDA and SCL, must be high
when the bus is not in use. External pull-up resistors or
current sources, such as the LTC1694 SMBus accelerator,
are required on these lines.
The LTC3220/LTC3220-1 are receive-only (slave) devices.
There are two I2C addresses available. The LTC3220 I2C
address is 0011100 and the LTC3220-1 I2C address is
0011101. The I2C address is the only difference between
the LTC3220 and LTC3220-1.
Write Word Protocol Used By the LTC3220/LTC3220-1
17
1
1
8
1
8
1
1
S
Slave Address Wr
A
*Sub-Address A
Data Byte
A
P**
S = Start Condition, Wr = Write Bit = 0, A = Acknowledge,
P = Stop Condition
*The sub-address uses only the first 5 bits, D0, D1, D2, D3 and D4.
**Stop can be delayed until all of the data registers have been written.
OPERATION


Similar Part No. - LTC3220EPF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220EPF-TRPBF LINER-LTC3220EPF-TRPBF Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220EPF-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   up to 360mA | AC-DC LED driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
   250mA Universal Nine Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com