Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3400ES6-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3400ES6-1
Description  600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3400ES6-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3400ES6-1 Datasheet HTML 4Page - Linear Technology LTC3400ES6-1 Datasheet HTML 5Page - Linear Technology LTC3400ES6-1 Datasheet HTML 6Page - Linear Technology LTC3400ES6-1 Datasheet HTML 7Page - Linear Technology LTC3400ES6-1 Datasheet HTML 8Page - Linear Technology LTC3400ES6-1 Datasheet HTML 9Page - Linear Technology LTC3400ES6-1 Datasheet HTML 10Page - Linear Technology LTC3400ES6-1 Datasheet HTML 11Page - Linear Technology LTC3400ES6-1 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
LTC3400-1
10
34001f
TYPICAL APPLICATIO S
SW
L1
4.7µH
C3
1µF
VOUT
LTC3400-1
FB
VIN
SHDN
2
1
3
34001 TA03a
R1
1.02M
1%
R2
715k
1%
C1
4.7µF
SINGLE
AA CELL
VOUT1
3V
90mA
VOUT2
–3V
10mA
5
D1
D2
4
6
GND
+
OFF ON
C2
4.7µF
D1, D2: ZETEX FMND7000 DUAL DIODE
L1: SUMIDA CDRH2D18/HP-4R7
C4
10µF
Single Cell AA Cell to ±3V Synchronous Boost Converter


Similar Part No. - LTC3400ES6-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400ES6 LINER-LTC3400ES6 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
More results

Similar Description - LTC3400ES6-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3400 LINER-LTC3400 Datasheet
181Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400 LINER-LTC3400_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400B LINER-LTC3400B_15 Datasheet
223Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3400-1 LINER-LTC3400-1_15 Datasheet
300Kb / 12P
   600mA, 1.2MHz Micropower Synchronous Boost Converter in ThinSOT
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
   10V Micropower Synchronous Boost Converter in ThinSOT
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
TECHCODE SEMICONDUCTOR,...
TD8587 TECHCODE-TD8587 Datasheet
702Kb / 13P
   1.2MHz Synchronous Boost Converter
TD8588 TECHCODE-TD8588 Datasheet
601Kb / 13P
   1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com