Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3405A-1.375 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3405A-1.375
Description  1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405A-1.375 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3405A-1.375 Datasheet HTML 4Page - Linear Technology LTC3405A-1.375 Datasheet HTML 5Page - Linear Technology LTC3405A-1.375 Datasheet HTML 6Page - Linear Technology LTC3405A-1.375 Datasheet HTML 7Page - Linear Technology LTC3405A-1.375 Datasheet HTML 8Page - Linear Technology LTC3405A-1.375 Datasheet HTML 9Page - Linear Technology LTC3405A-1.375 Datasheet HTML 10Page - Linear Technology LTC3405A-1.375 Datasheet HTML 11Page - Linear Technology LTC3405A-1.375 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC3405A-1.375
3405a1375f
APPLICATIO S I FOR ATIO
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TA + TR
where TA is the ambient temperature.
As an example, consider the LTC3405A-1.375 with an
input voltage of 2.7V, a load current of 300mA and an
ambient temperature of 70°C. From the typical perfor-
mance graph of switch resistance, the RDS(ON) of the P-
channel switch at 70°C is approximately 0.94Ω and the
RDS(ON) of the N-channel synchronous switch is approxi-
mately 0.75Ω.
The series resistance looking into the SW pin is:
RSW = 0.95Ω (0.51) + 0.75Ω (0.49) = 0.85Ω
Therefore, power dissipated by the part is:
PD = ILOAD2 • RSW = 76.5mW
For the SOT-23 package, the θJA is 250°C/ W. Thus, the
junction temperature of the regulator is:
TJ = 70°C + (0.0765)(250) = 89.1°C
which is well below the maximum junction temperature of
125°C.
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT, which generates a feedback error signal.
The regulator loop then acts to return VOUT to its steady-
state value. During this recovery time VOUT can be moni-
tored for overshoot or ringing that would indicate a stability
problem. For a detailed explanation of switching control
loop theory, see Application Note 76.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3405A-1.375. These items are also illustrated graphi-
cally in Figures 3 and 4. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW
trace and the VIN trace should be kept short, direct and
wide.
2. Does the (+) plate of CIN connect to VIN as closely as
possible? This capacitor provides the AC current to the
internal power MOSFETs.
3. Keep the (–) plates of CIN and COUT as close as possible.
Figure 3. LTC3405A-1.375 Layout Diagram
RUN
LTC3405A-1.375
GND
SW
6
L1
BOLD LINES INDICATE HIGH CURRENT PATHS
VIN
VOUT
3405A1375 F03
4
5
1
3
+
2
MODE
VOUT
VIN
CIN
COUT
Design Example
As a design example, assume the LTC3405A-1.375 is
used in a single lithium-ion battery-powered cellular phone
application. The VIN will be operating from a maximum of
4.2V down to about 2.7V. The load current requirement
is a maximum of 0.15A but most of the time it will be in
standby mode, requiring only 2mA. Efficiency at both low
and high load currents is important. Output voltage is
1.375V. With this information we can calculate L using
equation (1),
L
fI
V
V
V
L
OUT
OUT
IN
= () ()
1
1
(3)


Similar Part No. - LTC3405A-1.375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results

Similar Description - LTC3405A-1.375

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
239Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com