Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3406AIS5-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3406AIS5-PBF
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AIS5-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3406AIS5-PBF Datasheet HTML 4Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 5Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 6Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 7Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 8Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 9Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 10Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 11Page - Linear Technology LTC3406AIS5-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3406A
8
3406afa
The basic LTC3406A application circuit is shown on the
front page. External component selection is driven by the
load requirement and begins with the selection of L fol-
lowed by CIN and COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1μH to 4.7μH. Its value is chosen based on the
desired ripple current. Large value inductors lower ripple
current and small value inductors result in higher ripple
currents. Higher VIN or VOUT also increases the ripple cur-
rent as shown in Equation 1. A reasonable starting point for
setting ripple current is
∆IL = 240mA (40% of 600mA).
IL =
1
f
() L()
VOUT 1
VOUT
VIN
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 720mA
rated inductor should be enough for most applications
(600mA + 120mA). For better efficiency, choose a low
DC-resistance inductor.
The inductor value also has an effect on Burst Mode opera-
tion. The transition to low current operation begins when
the inductor current peaks fall to approximately 100mA.
Lower inductor values (higher
∆IL) will cause this to occur
at lower load currents, which can cause a dip in efficiency
in the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the
size/current and price/current relationship of an induc-
tor. Toroid or shielded pot cores in ferrite or permalloy
materials are small and don’t radiate much energy, but
generally cost more than powdered iron core inductors
with similar electrical characteristics. The choice of which
APPLICATIONS INFORMATION
style inductor to use often depends more on the price vs
size requirements and any radiated field/EMI requirements
than on what the LTC3406A requires to operate. Table 1
shows some typical surface mount inductors that work
well in LTC3406A applications.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum RMS
capacitor current is given by:
CIN required IRMS IOMAX
VOUT VIN VOUT
() 1/2
VIN
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is
commonly used for design because even significant de-
viations do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher tem-
perature than required. Always consult the manufacturer
if there is any question.
Table 1. Representative Surface Mount Inductors
PART
NUMBER
VALUE
(μH)
DCR
(Ω MAX)
MAX DC
CURRENT (A)
SIZE
W × L × H (mm3)
Sumida
CDRH3D16
1.5
2.2
3.3
4.7
0.043
0.075
0.110
0.162
1.55
1.20
1.10
0.90
3.8 × 3.8 × 1.8
Sumida
CMD4D06
2.2
3.3
4.7
0.116
0.174
0.216
0.950
0.770
0.750
3.5 × 4.3 × 0.8
Panasonic
ELT5KT
3.3
4.7
0.17
0.20
1.00
0.95
4.5 × 5.4 × 1.2
Murata
LQH32CN
1.0
2.2
4.7
0.060
0.097
0.150
1.00
0.79
0.65
2.5 × 3.2 × 2.0


Similar Part No. - LTC3406AIS5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3406A LINEAR-LTC3406A Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3406A LINER-LTC3406A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC3406A LINER-LTC3406A Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC3406A LINER-LTC3406A Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC3406A LINER-LTC3406A Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406AIS5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com