Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407-3 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3407-3
Description  Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407-3 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3407-3 Datasheet HTML 5Page - Linear Technology LTC3407-3 Datasheet HTML 6Page - Linear Technology LTC3407-3 Datasheet HTML 7Page - Linear Technology LTC3407-3 Datasheet HTML 8Page - Linear Technology LTC3407-3 Datasheet HTML 9Page - Linear Technology LTC3407-3 Datasheet HTML 10Page - Linear Technology LTC3407-3 Datasheet HTML 11Page - Linear Technology LTC3407-3 Datasheet HTML 12Page - Linear Technology LTC3407-3 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3407-3
9
34073fa
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required ESR to
minimize voltage ripple and load step transients. Typically,
once the ESR requirement is satisfied, the capacitance is
adequate for filtering. The output ripple (
∆VOUT) is deter-
mined by:
∆≈ ∆
+
⎝⎜
⎠⎟
V
I ESR
fC
OUT
L
O
OUT
1
8
where f = operating frequency, COUT = output capacitance
and
∆IL = ripple current in the inductor. The output ripple
is highest at maximum input voltage since
∆IL increases
with input voltage. With
∆IL = 0.3 • ILIM the output ripple
will be less than 100mV at maximum VIN and fO = 2.25MHz
with:
ESRCOUT < 150mΩ
Once the ESR requirements for COUT have been met, the
RMS current rating generally far exceeds the IRIPPLE(P-P)
requirement, except for an all ceramic solution.
In surface mount applications, multiple capacitors may
have to be paralleled to meet the capacitance, ESR or RMS
current handling requirement of the application. Alumi-
num electrolytic, special polymer, ceramic and dry tantulum
capacitors are all available in surface mount packages. The
OS-CON semiconductor dielectric capacitor available from
Sanyo has the lowest ESR(size) product of any aluminum
electrolytic at a somewhat higher price. Special polymer
capacitors, such as Sanyo POSCAP, Panasonic Special
Polymer (SP), and Kemet A700, offer very low ESR, but
have a lower capacitance density than other types. Tanta-
lum capacitors have the highest capacitance density, but
they have a larger ESR and it is critical that the capacitors
are surge tested for use in switching power supplies. An
excellent choice is the AVX TPS series of surface mount
tantalums, available in case heights ranging from 2mm to
4mm. Aluminum electrolytic capacitors have a signifi-
cantly larger ESR, and are often used in extremely cost-
sensitive applications provided that consideration is given
to ripple current ratings and long term reliability. Ceramic
capacitors have the lowest ESR and cost, but also have the
lowest capacitance density, a high voltage and tempera-
ture coefficient, and exhibit audible piezoelectric effects.
APPLICATIO S I FOR ATIO
In addition, the high Q of ceramic capacitors along with
trace inductance can lead to significant ringing.
In most cases, 0.1
µF to 1µF of ceramic capacitors should
also be placed close to the LTC3407-3 in parallel with the
main capacitors for high frequency decoupling.
Figure 2. LTC3407-3 General Schematic
RUN2
VIN
VIN
VOUT2
VOUT1
RUN1
POR
SW1
VOUT1
GND
VOUT2
SW2
MODE/SYNC
LTC3407-3
10
µF
100k
RESET
L1
µH
L2
µH
COUT2
COUT1
34073 F02
Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now
becoming available in smaller case sizes. These are tempt-
ing for switching regulator use because of their very low
ESR. Unfortunately, the ESR is so low that it can cause
loop stability problems. Solid tantalum capacitor ESR
generates a loop “zero” at 5kHz to 50kHz that is instrumen-
tal in giving acceptable loop phase margin. Ceramic ca-
pacitors remain capacitive to beyond 300kHz and usually
resonate with their ESL before ESR becomes effective.
Also, ceramic caps are prone to temperature effects which
requires the designer to check loop stability over the
operating temperature range. To minimize their large
temperature and voltage coefficients, only X5R or X7R
ceramic capacitors should be used. A good selection of
ceramic capacitors is available from Taiyo Yuden, AVX,
Kemet, TDK, and Murata.
Great care must be taken when using only ceramic input
and output capacitors. When a ceramic capacitor is used
at the input and the power is being supplied through long
wires, such as from a wall adapter, a load step at the output
can induce ringing at the VIN pin. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, the ringing at the input can be large enough to
damage the part.


Similar Part No. - LTC3407-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-3 LINER-LTC3407-3_15 Datasheet
268Kb / 16P
   Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-3 LINER-LTC3407-3_15 Datasheet
268Kb / 16P
   Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com