Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3406ABES5-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3406ABES5-TRPBF
Description  1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406ABES5-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3406ABES5-TRPBF Datasheet HTML 1Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 2Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 3Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 4Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 5Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 6Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 7Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 8Page - Linear Technology LTC3406ABES5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3406AB
5
3406abfa
PIN FUNCTIONS
RUN (Pin 1): Run Control Input. Forcing this pin above 1.5V
enables the part. Forcing this pin below 0.3V shuts down
the device. In shutdown, all functions are disabled drawing
<1μA supply current. Do not leave RUN floating.
GND (Pin 2): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchronous
power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled to
GND, Pin 2, with a 2.2μF or greater ceramic capacitor.
VFB (Pin 5): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
TYPICAL PERFORMANCE CHARACTERISTICS
(From Front Page Figure Except for the Resistive Divider Resistor Values)
Start-Up from Shutdown
Load Step
Load Step
Load Step
Load Step
Discontinuous Operation
RUN
2V/DIV
VOUT
1V/DIV
ILOAD
500mA/DIV
400
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 600mA (3Ω RES)
3406B G31
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 600mA
3406B G32
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 600mA
3406B G33
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 100mA TO 600mA
3406B G34
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
μs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 200mA TO 600mA
3406B G35
VOUT
20mV/DIV
AC COUPLED
SW
(2V/DIV)
IL
200mA/DIV
500ns/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 25mA
3406B G36


Similar Part No. - LTC3406ABES5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406AB LINER-LTC3406AB Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB_15 Datasheet
317Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results

Similar Description - LTC3406ABES5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B Datasheet
231Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2_15 Datasheet
238Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A_15 Datasheet
303Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2_15 Datasheet
274Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406-1.2 LINER-LTC3406-1.2 Datasheet
235Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406A LINER-LTC3406A Datasheet
304Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com