Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407EDD-3 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3407EDD-3
Description  Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407EDD-3 Datasheet(HTML) 4 Page - Linear Technology

  LTC3407EDD-3 Datasheet HTML 1Page - Linear Technology LTC3407EDD-3 Datasheet HTML 2Page - Linear Technology LTC3407EDD-3 Datasheet HTML 3Page - Linear Technology LTC3407EDD-3 Datasheet HTML 4Page - Linear Technology LTC3407EDD-3 Datasheet HTML 5Page - Linear Technology LTC3407EDD-3 Datasheet HTML 6Page - Linear Technology LTC3407EDD-3 Datasheet HTML 7Page - Linear Technology LTC3407EDD-3 Datasheet HTML 8Page - Linear Technology LTC3407EDD-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3407-3
4
34073fa
Efficiency vs VIN
Efficiency vs Load Current
Load Regulation
Line Regulation
TYPICAL PERFOR A CE CHARACTERISTICS
Reference Voltage vs
Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
0.615
0.610
0.605
0.600
0.595
0.590
0.585
TEMPERATURE (
°C)
–50
25
75
34073 G07
–25
0
50
100
125
VIN = 3.6V
VIN (V)
1
500
450
400
350
300
250
200
46
34073 G08
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (
°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
34073 G09
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 4.2V
VIN = 3.6V
INPUT VOLTAGE (V)
2
34073 G10
3
45
6
100
95
90
85
80
75
70
65
60
55
50
VOUT = 1.8V
Burst Mode OPERATION
CH2 OFF
800mA
10mA
100mA
1mA
LOAD CURRENT (mA)
1
80
90
100
10
100
1000
34073 G14
70
75
85
95
65
60
VIN = 5V,
VOUT = 3.3V
NO LOAD ON
OTHER CHANNEL
Burst Mode OPERATION
PULSE SKIP MODE
Efficiency vs Load Current
LOAD CURRENT (mA)
1
100
90
80
70
60
10
100
1000
34073 G11
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
Burst Mode OPERATION
PULSE SKIP MODE
LOAD CURRENT (mA)
1
4
3
2
1
0
–1
–2
–3
–4
10
100
1000
34073 G12
VIN = 3.6V, VOUT = 1.8V
NO LOAD ON OTHER CHANNEL
Burst Mode OPERATION
PULSE SKIP MODE
Load Regulation
LOAD CURRENT (mA)
1
0
2
4
10
100
1000
34073 G13
–2
–1
1
3
–3
–4
VIN = 5V, VOUT = 3.3V
NO LOAD ON OTHER CHANNEL
Burst Mode OPERATION
PULSE SKIP MODE
VIN (V)
2
–0.20
0
0.20
0.40
6
34073 G15
–0.40
–0.60
–1.00
–0.80
3
4
5
0.80
0.60
VOUT = 1.8V
IOUT = 200mA
TA = 25°C unless other wise specified.


Similar Part No. - LTC3407EDD-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407EDD-2 LINER-LTC3407EDD-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407EDD-4 LINER-LTC3407EDD-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407EDD-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-3 LINER-LTC3407-3_15 Datasheet
268Kb / 16P
   Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3260 EUTECH-EUP3260 Datasheet
90Kb / 1P
   1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com