Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407AIDD-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3407AIDD-PBF
Description  Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AIDD-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3407AIDD-PBF Datasheet HTML 1Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 2Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 3Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 4Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 5Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 6Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 7Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 8Page - Linear Technology LTC3407AIDD-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3407A
4
3407afa
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Input Voltage
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Reference Voltage
vs Temperature
RDS(ON) vs Input Voltage
RDS(ON) vs Temperature
TA = 25°C unless otherwise specified.
Load Step
Soft Start
3407 G03
VIN = 3.6V
VOUT = 1.8V
ILOAD = 50mA TO 600mA
CIRCUIT OF FIGURE 3
VOUT2
100mV/DIV
VOUT1
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20μs/DIV
3407 G04
VIN = 3.6V
VOUT = 1.8V
ILOAD = 500mA
CIRCUIT OF FIGURE 4
VIN
2V/DIV
VOUT1
1V/DIV
IL
500mA/DIV
1ms/DIV
INPUT VOLTAGE (V)
2
0
10
30
40
50
100
100mA
1mA
70
3
4
3407A G05
20
80
90
60
5
6
10mA
VOUT = 1.8V
CIRCUIT OF FIGURE 3
600mA
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
TEMPERATURE (°C)
–50
25
75
3407A G06
–25
0
50
100
125
1.8
1.7
1.6
1.5
1.4
1.3
1.2
SUPPLY VOLTAGE (V)
2
3407A G07
3
45
6
0.615
0.610
0.605
0.600
0.595
0.590
0.585
TEMPERATURE (°C)
–50
25
75
3407A G08
–25
0
50
100
125
VIN = 3.6V
VIN (V)
1
500
450
400
350
300
250
200
46
3407A G09
2
3
57
MAIN
SWITCH
SYNCHRONOUS
SWITCH
TEMPERATURE (°C)
–50
550
500
450
400
350
300
250
200
150
100
25
75
3407A G10
–25
0
50
100
150
125
MAIN SWITCH
SYNCHRONOUS SWITCH
VIN = 3.6V
VIN = 4.2V
VIN = 2.7V


Similar Part No. - LTC3407AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AIDD-2 LINER-LTC3407AIDD-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AIDD-2-PBF LINER-LTC3407AIDD-2-PBF Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AIDD-2-TR LINER-LTC3407AIDD-2-TR Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AIDD-2-TRPBF LINER-LTC3407AIDD-2-TRPBF Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com