Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407AEMSE-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3407AEMSE-PBF
Description  Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AEMSE-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3407AEMSE-PBF Datasheet HTML 4Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 5Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 6Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 7Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 8Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 9Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 10Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 11Page - Linear Technology LTC3407AEMSE-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3407A
8
3407afa
Inductor Selection
Although the inductor does not influence the operat-
ing frequency, the inductor value has a direct effect on
ripple current. The inductor ripple current ΔIL decreases
with higher inductance and increases with higher VIN or
VOUT:
IL =
VOUT
fO •L
•1–
VOUT
VIN
Accepting larger values of ΔIL allows the use of low
inductances, but results in higher output voltage ripple,
greater core losses, and lower output current capability. A
reasonable starting point for setting ripple current is ΔIL =
0.3 • ILIM, where ILIM is the peak switch current limit. The
largest ripple current ΔIL occurs at the maximum input
voltage. To guarantee that the ripple current stays below a
specified maximum, the inductor value should be chosen
according to the following equation:
L =
VOUT
fO • IL
•1–
VOUT
VIN(MAX)
The inductor value will also have an effect on Burst Mode
operation. The transition from low current operation
begins when the peak inductor current falls below a level
set by the burst clamp. Lower inductor values result in
higher ripple current which causes this transition to occur
at lower load currents. This causes a dip in efficiency in
the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar elec-
trical characterisitics. The choice of which style inductor
to use often depends more on the price vs size require-
ments and any radiated field/EMI requirements than on
what the LTC3407A requires to operate. Table 1 shows
some typical surface mount inductors that work well in
LTC3407A applications.
Table 1. Representative Surface Mount Inductors
MANUF-
ACTURER
PART NUMBER
VALUE
MAX DC
CURRENT
DCR
HEIGHT
Taiyo
Yuden
CB2016T2R2M
CB2012T2R2M
CB2016T3R3M
2.2μH
2.2μH
3.3μH
510mA
530mA
410mA
0.13Ω
0.33Ω
0.27Ω
1.6mm
1.25mm
1.6mm
Panasonic
ELT5KT4R7M
4.7μH
950mA
0.2Ω
1.2mm
Sumida
CDRH2D18/LD
4.7μH
630mA
0.086Ω
2mm
Murata
LQH32CN4R7M23 4.7μH
450mA
0.2Ω
2mm
Taiyo
Yuden
NR30102R2M
NR30104R7M
2.2μH
4.7μH
1100mA
750mA
0.1Ω
0.19Ω
1mm
1mm
FDK
FDKMIPF2520D
FDKMIPF2520D
FDKMIPF2520D
4.7μH
3.3μH
2.2μH
1100mA
1200mA
1300mA
0.11Ω
0.1Ω
0.08Ω
1mm
1mm
1mm
TDK
VLF3010AT4R7-
MR70
VLF3010AT3R3-
MR87
VLF3010AT2R2-
M1R0
4.7μH
3.3μH
2.2μH
700mA
870mA
1000mA
0.28Ω
0.17Ω
0.12Ω
1mm
1mm
1mm
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
IRMS ≈IMAX
VOUT(VIN –VOUT)
VIN
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2.
APPLICATIONS INFORMATION
Figure 1. LTC3407A General Schematic
VOUT2
RUN/SS2
VIN
VIN = 2.5V TO 5.5V
VOUT1
RUN/SS1
POR
SW1
VFB1
GND
VFB2
SW2
MODE/SYNC
LTC3407A
CIN
R7
POWER-ON
RESET
C1
C2
L1
L2
R4
R2
R1
R3
COUT2
C4
C3
COUT1
3407A F01
PULSESKIP*
BURST*
*MODE/SYNC = 0V: PULSE SKIP
MODE/SYNC = VIN: Burst Mode
R6
R5


Similar Part No. - LTC3407AEMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AEMSE-2 LINER-LTC3407AEMSE-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AEMSE-2-PBF LINER-LTC3407AEMSE-2-PBF Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AEMSE-2-TR LINER-LTC3407AEMSE-2-TR Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407AEMSE-2-TRPBF LINER-LTC3407AEMSE-2-TRPBF Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AEMSE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com