Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3410ESC6-1.875 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3410ESC6-1.875
Description  2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3410ESC6-1.875 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3410ESC6-1.875 Datasheet HTML 5Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 6Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 7Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 8Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 9Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 10Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 11Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 12Page - Linear Technology LTC3410ESC6-1.875 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC3410-1.875
34101875f
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high ripple
current, high voltage rating and low ESR make them ideal
for switching regulator applications. Because the LTC3410-
1.875’s control loop does not depend on the output
capacitor’s ESR for stable operation, ceramic capacitors
can be used freely to achieve very low output ripple and
small circuit size.
However, care must be taken when ceramic capacitors are
used at the input and the output. When a ceramic capacitor
is used at the input and the power is supplied by a wall
adapter through long wires, a load step at the output can
induce ringing at the input, VIN. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, a sudden inrush of current through the long wires
can potentially cause a voltage spike at VIN, large enough
to damage the part.
When choosing the input and output ceramic capacitors,
choose the X5R or X7R dielectric formulations. These
dielectrics have the best temperature and voltage charac-
teristics of all the ceramics for a given value and size.
The recommended capacitance value to use is 4.7
µF for
both the input and output capacitors.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
C
required I
I
VV
V
V
IN
RMS
OMAX
OUT
IN
OUT
IN
()
[]12/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the manufac-
turer if there is any question.
The selection of COUT is driven by the required effective
series resistance (ESR). Typically, once the ESR require-
ment for COUT has been met, the RMS current rating
generally far exceeds the IRIPPLE(P-P) requirement. The
output ripple
∆VOUT is determined by:
∆≅ ∆
+
⎝⎜
⎠⎟
V
I ESR
fC
OUT
L
OUT
1
8
where f = operating frequency, COUT = output capacitance
and
∆IL = ripple current in the inductor. For a fixed output
voltage, the output ripple is highest at maximum input
voltage since
∆IL increases with input voltage.
If tantalum capacitors are used, it is critical that the
capacitors are surge tested for use in switching power
supplies. An excellent choice is the AVX TPS series of
surface mount tantalum. These are specially constructed
and tested for low ESR so they give the lowest ESR for a
given volume. Other capacitor types include Sanyo
POSCAP, Kemet T510 and T495 series, and Sprague 593D
and 595D series. Consult the manufacturer for other
specific recommendations.
APPLICATIO S I FOR ATIO


Similar Part No. - LTC3410ESC6-1.875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410ESC6-1.875 LINER-LTC3410ESC6-1.875 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410ESC6-1.875 LINER-LTC3410ESC6-1.875 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
More results

Similar Description - LTC3410ESC6-1.875

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3410-1.875 LINER-LTC3410-1.875_15 Datasheet
238Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410 Datasheet
331Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410 LINER-LTC3410_15 Datasheet
337Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B_15 Datasheet
295Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410B LINER-LTC3410B Datasheet
290Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down Regulator in SC70
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3544 LINER-LTC3544 Datasheet
290Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3544B LINER-LTC3544B Datasheet
269Kb / 16P
   Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
LTC3406B-2 LINER-LTC3406B-2 Datasheet
213Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB-2 LINER-LTC3406AB-2_15 Datasheet
322Kb / 16P
   2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com