Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3407AIDD-2-TR Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3407AIDD-2-TR
Description  Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407AIDD-2-TR Datasheet(HTML) 3 Page - Linear Technology

  LTC3407AIDD-2-TR Datasheet HTML 1Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 2Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 3Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 4Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 5Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 6Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 7Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 8Page - Linear Technology LTC3407AIDD-2-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3407A-2
3
3407a2f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3407AE-2 is guaranteed to meet specified performance
from 0
°C to 85°C. Specifications over the –40°C and 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3407AI-2 is guaranteed over the
full –40
°C to 125°C operating temperature range.
Note 3: The LTC3407A-2 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD • θJA).
Note 6: The DFN switch on-resistance is guaranteed by correlation to
wafer level measurements.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.5
5.5
V
IFB
Feedback Pin Input Current
30
nA
VFB
Feedback Voltage (Note 3)
0
°C ≤ TA ≤ 85°C
0.588
0.6
0.612
V
–40
°C ≤ TA ≤ 125°C (Note 2)
0.585
0.6
0.612
V
ΔVLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.3
0.5
%/V
ΔVLOAD REG
Output Voltage Load Regulation
MODE/SYNC = 0V (Note 3)
0.5
%
IS
Input DC Supply Current
(Note 4)
Active Mode
VFB1 = VFB2 = 0.5V
700
950
μA
Sleep Mode
VFB1 = VFB2 = 0.63V, MODE/SYNC = 3.6V
40
60
μA
Shutdown
RUN = 0V, VIN = 5.5V, MODE/SYNC = 0V
0.1
1
μA
fOSC
Oscillator Frequency
VFBX = 0.6V
1.8
2.25
2.7
MHz
fSYNC
Synchronization Frequency
2.25
MHz
ILIM
Peak Switch Current Limit
VIN = 3V, VFBX = 0.5V, Duty Cycle <35%
1
1.2
1.6
A
RDS(ON)
Top Switch On-Resistance
(Note 6)
0.35
0.45
Ω
Bottom Switch On-Resistance
(Note 6)
0.30
0.45
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VFBX = 0V
0.01
1
μA
POR
Power-On Reset Threshold
VFBX Ramping Up, MODE/SYNC = 0V
8.5
%
VFBX Ramping Down, MODE/SYNC = 0V
–8.5
%
Power-On Reset On-Resistance
100
200
Ω
Power-On Reset Delay
65,536
Cycles
VRUN
RUN/SS Threshold Low
0.3
1
1.5
V
RUN/SS Threshold High
2V
IRUN
RUN/SS Leakage Current
0.01
1
μA
VMODE
MODE Threshold Low
0
0.5
V
MODE Threshold High
VIN – 0.5
VIN
V


Similar Part No. - LTC3407AIDD-2-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407AIDD-PBF LINER-LTC3407AIDD-PBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407AIDD-TRPBF LINER-LTC3407AIDD-TRPBF Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407AIDD-2-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com