Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSOP2837YA1 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TSOP2837YA1
Description  Photo Modules for PCM Remote Control Systems
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2837YA1 Datasheet(HTML) 3 Page - Vishay Siliconix

  TSOP2837YA1 Datasheet HTML 1Page - Vishay Siliconix TSOP2837YA1 Datasheet HTML 2Page - Vishay Siliconix TSOP2837YA1 Datasheet HTML 3Page - Vishay Siliconix TSOP2837YA1 Datasheet HTML 4Page - Vishay Siliconix TSOP2837YA1 Datasheet HTML 5Page - Vishay Siliconix TSOP2837YA1 Datasheet HTML 6Page - Vishay Siliconix TSOP2837YA1 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TSOP28..YA1
Vishay Telefunken
3 (7)
Rev. 4, 13-Jun-00
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 82066
Suitable Data Format
The circuit of the TSOP28..YA1 is designed in that way
that unexpected output pulses due to noise or
disturbance signals are avoided. A bandpassfilter, an
integrator stage and an automatic gain control are
used to suppress such disturbances.
The distinguishing mark between data signal ( not
suppressed) and disturbance signal (supressed) are
carrier frequency, burst length and Signal Gap Time
(see diagram below).
The data signal should fullfill the following condition:
• Carrier frequency should be close to center
frequency of the bandpass (e.g. 38kHz).
• Burst length should be 6 cycles/burst or longer.
• After each burst a gap time of at least 10 cycles is
neccessary.
• The data format should not make a continuous
signal transmission. There must be a Signal Gap Time
(longer than 15ms) at least each 90ms (see Figure A).
Some examples for suitable data format are:
NEC Code (repetitive pulse), NEC Code (repetitive
data), Toshiba Micom Format, Sharp Code, RC5
Code, RECS–80 Code, R–2000 Code.
When a disturbance signal is applied to the
TSOP28..YA1 it can still receive the data signal.
However the sensitivity is reduced to that level that no
unexpected pulses will occure.
Some examples for such disturbance signals which
are suppressed by the TSOP28..YA1 are:
• DC light (e.g. from tungsten bulb or sunlight),
• Continuous signal at 38kHz or at any other
frequency,
• Signals from fluorescent lamps (see Figure B).
• Continuous IR signal (e.g. 1ms burst, 2ms pause)
0
1020
3040506070
8090
100
time [ms]
Signal Gap Time
Figure A: Data Signal (Output of IR Receiver) with a Signal Gap Time of 20ms
0
2
4
6
8
10
1214
1618
20
time [ms]
Signal Gap Time
Figure B: Disturbance Signal from Fluorescent Lamp with Signal Gap Time of 7ms (suppressed by TSOP28..)


Similar Part No. - TSOP2837YA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP2837 VISHAY-TSOP2837 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 7, 31-Jan-00
TSOP2837ON1 VISHAY-TSOP2837ON1 Datasheet
169Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 13-Jun-00
TSOP2837PM1 VISHAY-TSOP2837PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2837QJ1 VISHAY-TSOP2837QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2837RF1 VISHAY-TSOP2837RF1 Datasheet
171Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results

Similar Description - TSOP2837YA1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1830SI3V VISHAY-TSOP1830SI3V Datasheet
135Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 1, 26-Jun-00
TSOP2130 VISHAY-TSOP2130 Datasheet
2Mb / 8P
   Photo Modules for PCM Remote Control Systems
Rev. 5, 30-Mar-01
TSOP1730SB1 VISHAY-TSOP1730SB1 Datasheet
208Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 9, 02-Apr-01
TSOP1830 VISHAY-TSOP1830 Datasheet
128Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 13, 13-Sep-00
TSOP1830YA1 VISHAY-TSOP1830YA1 Datasheet
137Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 08-Jun-00
TSOP2230 VISHAY-TSOP2230 Datasheet
1Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2230MQ1 VISHAY-TSOP2230MQ1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 30-Mar-01
TSOP2230VI1 VISHAY-TSOP2230VI1 Datasheet
2Mb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 30-Mar-01
TSOP2830PM1 VISHAY-TSOP2830PM1 Datasheet
133Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 10-Oct-00
TSOP2830QJ1 VISHAY-TSOP2830QJ1 Datasheet
173Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 4, 06-Jun-00
TSOP2830SA1 VISHAY-TSOP2830SA1 Datasheet
87Kb / 7P
   Photo Modules for PCM Remote Control Systems
Rev. 3, 31-Jan-00
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com