Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3440EMS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3440EMS
Description  Micropower Synchronous Buck-Boost DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440EMS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3440EMS Datasheet HTML 4Page - Linear Technology LTC3440EMS Datasheet HTML 5Page - Linear Technology LTC3440EMS Datasheet HTML 6Page - Linear Technology LTC3440EMS Datasheet HTML 7Page - Linear Technology LTC3440EMS Datasheet HTML 8Page - Linear Technology LTC3440EMS Datasheet HTML 9Page - Linear Technology LTC3440EMS Datasheet HTML 10Page - Linear Technology LTC3440EMS Datasheet HTML 11Page - Linear Technology LTC3440EMS Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC3440
3440fb
OPERATIO
The LTC3440 provides high efficiency, low noise power
for applications such as portable instrumentation. The
LTC proprietary topology allows input voltages above,
below or equal to the output voltage by properly phasing
the output switches. The error amp output voltage on the
VC pin determines the output duty cycle of the switches.
Since the VC pin is a filtered signal, it provides rejection of
frequencies from well below the switching frequency. The
low RDS(ON), low gate charge synchronous switches pro-
vide high frequency pulse width modulation control at
high efficiency. Schottky diodes across the synchronous
switch D and synchronous switch B are not required, but
provide a lower drop during the break-before-make time
(typically 15ns). The addition of the Schottky diodes will
improve peak efficiency by typically 1% to 2% at 600kHz.
High efficiency is achieved at light loads when Burst Mode
operation is entered and when the IC’s quiescent current
is a low 25
μA.
LOW NOISE FIXED FREQUENCY OPERATION
Oscillator
The frequency of operation is user programmable and is
set through a resistor from the RT pin to ground where:
f
e
R
Hz
T
= ⎛
⎝⎜
⎠⎟
610
An internally trimmed timing capacitor resides inside the
IC. The oscillator can be synchronized with an external
clock applied to the MODE/SYNC pin. A clock frequency of
twice the desired switching frequency and with a pulse
width between 100ns and 2
μs is applied. The oscillator RT
component value required is given by:
R
f
T
SW
=
81010
where fSW = desired synchronized switching frequency.
For example to achieve a 1.2MHz synchronized switching
frequency the applied clock frequency to the MODE/SYNC
pin is set to 2.4MHz and the timing resistor, RT, is set to
66.5k (closest 1% value).
Error Amp
The error amplifier is a voltage mode amplifier. The loop
compensation components are configured around the
amplifier to provide loop compensation for the converter.
The SHDN/SS pin will clamp the error amp output, VC, to
provide a soft-start function.
Supply Current Limit
The current limit amplifier will shut PMOS switch A off
once the current exceeds 2.7A typical. The current ampli-
fier delay to output is typically 50ns.
Reverse Current Limit
The reverse current limit amplifier monitors the inductor
current from the output through switch D. Once a negative
inductor current exceeds – 400mA typical, the IC will shut
off switch D.
Output Switch Control
Figure 1 shows a simplified diagram of how the four
internal switches are connected to the inductor, VIN, VOUT
and GND. Figure 2 shows the regions of operation for the
LTC3440 as a function of the internal control voltage, VCI.
The VCI voltage is a level shifted voltage from the output of
the error amp (VC pin) (see Figure 5). The output switches
are properly phased so the transfer between operation
modes is continuous, filtered and transparent to the user.
When VIN approaches VOUT the Buck/Boost region is
reached where the conduction time of the four switch
region is typically 150ns. Referring to Figures 1 and 2, the
various regions of operation will now be described.
Figure 1. Simplified Diagram of Output Switches
3
SW1
4
SW2
PMOS A
NMOS B
7
VIN
PMOS D
NMOS C
3440 F01
6
VOUT
VOUT


Similar Part No. - LTC3440EMS

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3440 LINEAR-LTC3440 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3440 LINER-LTC3440 Datasheet
1Mb / 16P
   Wide VIN Range, Low Noise, 250mA Buck-Boost Charge Pump
LTC3440 LINER-LTC3440 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3440 LINER-LTC3440 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC3440 LINER-LTC3440 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC3440EMS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3532 LINER-LTC3532 Datasheet
360Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
List of Unclassifed Man...
ML3440 ETC1-ML3440 Datasheet
728Kb / 13P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3440 LINER-LTC3440_15 Datasheet
289Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532 LINER-LTC3532_15 Datasheet
358Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441 Datasheet
189Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3441 LINER-LTC3441_15 Datasheet
233Kb / 16P
   High Current Micropower Synchronous Buck-Boost DC/DC Converter
LTC3443 LINER-LTC3443 Datasheet
201Kb / 16P
   High Current Micropower 600kHz Synchronous Buck-Boost DC/DC Converter
LTC3444 LINER-LTC3444 Datasheet
209Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter for WCDMA Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com