Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3447 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3447
Description  I2C Controllable Buck Regulator in 3mm3mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3447 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3447 Datasheet HTML 5Page - Linear Technology LTC3447 Datasheet HTML 6Page - Linear Technology LTC3447 Datasheet HTML 7Page - Linear Technology LTC3447 Datasheet HTML 8Page - Linear Technology LTC3447 Datasheet HTML 9Page - Linear Technology LTC3447 Datasheet HTML 10Page - Linear Technology LTC3447 Datasheet HTML 11Page - Linear Technology LTC3447 Datasheet HTML 12Page - Linear Technology LTC3447 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3447
9
3447f
External Start-Up Option
The LTC3447 allows for the use of optional external resistors
to determine the start-up voltage. Using this option, the
start-up voltage can be set to levels inside or outside the
DAC output’s operating range. The output voltage will be
regulated at this value until the internal DAC is updated and
a STOP command is received. Once the STOP command is
received, the internal DAC will retain control of the output
voltage until the part is disabled then enabled again.
If this feature is not used, the feedback pin must be tied
to VIN.
I2C OPERATION
n
Typical 2-wire serial I2C
n
Serial interface
n
Simple 2-wire interface
n
Multiple devices on same bus
n
Idle bus must have SDA and SCL lines high
n
LTC3447 is write only
n
Master controls bus
n
Devices listen for unique address that precedes data
General I2C Bus/SMBus Description
I2C Bus and SMBus are reasonably similar examples of
two wire, bidirectional, serial communications busses.
Calling them two wire is not strictly accurate, as there
is an implied third wire, which is the ground line. Large
ground drops or spikes between the grounds of different
parts on the bus can interrupt or disrupt communica-
tions, as the signals on the two wires are both inherently
referenced to a ground which is expected to be common
to all parts on the bus. Both bus types have one data line
and one clock line which are externally pulled to a high
voltage when they are not being controlled by a device on
the bus. The devices on the bus can only pull the data and
clock lines low, which makes it simple to detect if more
than one device is trying to control the bus; eventually, a
device will release a line and it will not pull high because
another device is still holding it low. Pull-ups for the data
and clock lines are usually provided by external discrete
resistors, but external current sources can also be used.
Since there are no dedicated lines to use to tell a given
device if another device is trying to communicate with it,
each device must have a unique address to which it will
respond. The first part of any communication is to send
out an address on the bus and wait to see if another device
responds to it. After a response is detected, meaningful
data can be exchanged between the parts.
Typically, one device will control the clock line at least most
of the time and will normally be sending data to the other
parts and polling them to send data back to it, and this
device is called the master. There can certainly be more
than one master, since there is an effective protocol to
resolve bus contentions, and nonmaster (slave) devices
can also control the clock to delay rising edges and give
themselves more time to complete calculations or com-
munications (clock stretching). Slave devices need to be
able to control the data line to acknowledge communica-
tions from the master, and some devices will need to able
to send data back to the master; they will be in control of
the data line while they are doing so. Many slave devices
will have no need to stretch the clock signal and will have
no ability to pull the clock line low, which is the case with
the LTC3447.
Data is exchanged in the form of bytes, which are 8-bit
packets. Every byte needs to be acknowledged by the
slave (data line pulled low) or not acknowledged by the
master (data line left high), so communications are bro-
ken up into 9-bit segments, one byte followed by one bit
for acknowledging. For example, sending out an address
consists of 7-bits of device address, 1-bit that signals
whether a read or write operation will be performed, and
then 1 more bit to allow the slave to acknowledge. There
is no theoretical limit to how many total bytes can be
exchanged in a given transmission.
I2C and SMBus are very similar specifications, SMBus hav-
ing been derived from I2C. In general, SMBus is targeted
toward low power devices (particularly battery powered
ones) and emphasizes low power consumption, while I2C
is targeted toward higher speed systems where the power
consumption of the bus is not so critical. I2C has three dif-
ferent specifications for three different maximum speeds,
these being standard mode (100kHz max), fast mode
(400kHz max), and HS mode (3.4MHz max). Standard and
fast mode are not radically different, but HS mode is very
different from a hardware and software perspective and
requires an initiating command at standard or fast speed
before data can start transferring at HS speed. SMBus
simply specifies a 100kHz maximum speed.
OPERATIO


Similar Part No. - LTC3447

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3447 LINER-LTC3447_15 Datasheet
570Kb / 16P
   I2C Controllable Buck Regulator
More results

Similar Description - LTC3447

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3409 LINER-LTC3409_15 Datasheet
293Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LTC3409A LINER-LTC3409A_15 Datasheet
319Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LTC3409 LINER-LTC3409 Datasheet
246Kb / 16P
   600mA Low Vin Buck Regulator in 3mm x 3mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LT3686 LINER-LT3686_15 Datasheet
519Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 3mm DFN
LTC3447 LINER-LTC3447_15 Datasheet
570Kb / 16P
   I2C Controllable Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com