Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3452 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3452
Description  Synchronous Buck-Boost MAIN/CAMERA White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3452 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3452 Datasheet HTML 5Page - Linear Technology LTC3452 Datasheet HTML 6Page - Linear Technology LTC3452 Datasheet HTML 7Page - Linear Technology LTC3452 Datasheet HTML 8Page - Linear Technology LTC3452 Datasheet HTML 9Page - Linear Technology LTC3452 Datasheet HTML 10Page - Linear Technology LTC3452 Datasheet HTML 11Page - Linear Technology LTC3452 Datasheet HTML 12Page - Linear Technology LTC3452 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC3452
3452f
duty cycle DC4SW. The input voltage VIN where the four
switch region begins is given by:
V
V
ns f
IN
OUT
=
()
1
150
–•
and the input voltage VIN where the four switch region
ends is given by:
V
V
ns f
IN
OUT
=
()
[]
•–
1
150
Boost Mode (VIN < VOUT)
In boost mode, switch A is always on and switch B is
always off. Referring to Figure 2, when the control voltage
VC is above voltage V3, switches C and D will alternate
conducting similar to a typical synchronous boost regula-
tor. The maximum duty cycle of the converter is limited to
88% typical and is reached when VC is above V4.
Forward Current Limit
If the current delivered from VIN through PMOS switch A
exceeds 1600mA (typical), switch A is shut off immedi-
ately. Switches B and D are turned on for the remainder of
the cycle in order to safely discharge the forward inductor
current at the maximum rate possible.
Reverse Current Limit
If the current delivered from VOUT backwards through
PMOS switch D exceeds 200mA (typical), switch D is shut
off immediately. Switches A and C are turned on for the
remainder of the cycle in order to safely discharge the
reverse inductor current at the maximum rate possible.
Undervoltage Lockout
To prevent operation of the power switches at high RDS(ON),
an undervoltage lockout is incorporated on the LTC3452.
When the input supply voltage drops below approximately
1.9V, the four power switches and all control circuitry are
turned off except for the undervoltage block, which draws
only a few microamperes.
Overtemperature Protection
If the junction temperature of the LTC3452 exceeds 130
°C
for any reason, all four switches are shut off immediately.
The overtemperature protection circuit has a typical hys-
teresis of 11
°C.
Soft-Start
The LTC3452 includes an internally fixed soft-start which
is active when powering up or coming out of shutdown.
The soft-start works by clamping the voltage on the VC
node and gradually releasing it such that it requires 650
µs
to linearly slew from 0.9V to 2.1V. This has the effect of
limiting the rate of duty cycle change as VC transitions
from the buck region through the buck-boost region into
the boost region. Once the soft-start times out, it can only
be reset by entering shutdown, or by an undervoltage or
overtemperature condition.
Main Error Amp
The main error amplifier is a transconductance amplifier
with source and sink capability. The output of the main
error amplifier drives a capacitor to GND at the VC pin. This
capacitor sets the dominant pole for the regulation loop.
(See the Applications Information section for selecting the
capacitor value.) The error amp gets its feedback signal
from a proprietary circuit which monitors all 7 LED current
sources to determine which LED to close the regulation
loop on.
Safety Error Amp
The safety error amplifier is a transconductance amplifier
with sink only capability. In normal operation, it has no
effect on the loop regulation. However, if any of the LED
pins open-circuits, the output voltage will keep rising, and
safety error amp will eventually take over control of the
regulation loop to prevent VOUT runaway. The VOUT thresh-
old at which this occurs is approximately 4.5V.
OPERATIO


Similar Part No. - LTC3452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
More results

Similar Description - LTC3452

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3453 LINER-LTC3453_15 Datasheet
205Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
LTC3453 LINER-LTC3453 Datasheet
199Kb / 12P
   Synchronous Buck-Boost High Power White LED Driver
logo
Monolithic Power System...
EV0059 MPS-EV0059 Datasheet
247Kb / 4P
   MP1567: Buck Boost Lumileds White LED Driver
logo
Rohm
BD81A44MUV-M ROHM-BD81A44MUV-M Datasheet
1Mb / 39P
   4ch White LED Driver with Buck-Boost
logo
Eutech Microelectronics...
EUP2983 EUTECH-EUP2983 Datasheet
681Kb / 8P
   White LED Driver For Buck-Boost Application
logo
Rohm
BD81A24MUV-M ROHM-BD81A24MUV-M Datasheet
1Mb / 40P
   4ch White LED Driver with Buck-Boost
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Linear Technology
LT8391AIFE LINER-LT8391AIFE Datasheet
533Kb / 10P
   60V 2MHz Synchronous Buck-Boost LED Driver
logo
Rohm
BD6071HFN ROHM-BD6071HFN_12 Datasheet
632Kb / 19P
   White LED Driver with Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com