Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3541-1 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3541-1
Description  High Efficiency Buck VLDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541-1 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3541-1 Datasheet HTML 4Page - Linear Technology LTC3541-1 Datasheet HTML 5Page - Linear Technology LTC3541-1 Datasheet HTML 6Page - Linear Technology LTC3541-1 Datasheet HTML 7Page - Linear Technology LTC3541-1 Datasheet HTML 8Page - Linear Technology LTC3541-1 Datasheet HTML 9Page - Linear Technology LTC3541-1 Datasheet HTML 10Page - Linear Technology LTC3541-1 Datasheet HTML 11Page - Linear Technology LTC3541-1 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC3541-1

35411fa
OPERATIO
TheLTC3541-1containsahighefficiencysynchronous
buckconverter,averylowdropoutregulator(VLDO)and
alinearregulator.Itcanbeusedtoprovideuptotwo
outputvoltagesfromasingleinputvoltagemakingthe
LTC3541-1idealforapplicationswithlimitedboardspace.
Thecombinationandconfigurationofthesemajorblocks
withintheLTC3541-1isdeterminedbywayofthecontrol
pinsENBUCKandENVLDOasdefinedinTable1.
WiththeENBUCKpindriventoalogichighandENVLDO
driventoalogiclow,theLTC3541-1enablesthebuck
converter to efficiently reduce the voltage provided at
theVINinputpintoanoutputvoltagewhichissetbyan
externalfeedbackresistornetwork.Thebuckregulator
canbeconfiguredforPulse-SkiporBurstModeopera-
tionbydrivingtheMODEpintoalogichighorlogiclow
respectively.Thebuckregulatoriscapableofprovidinga
maximumoutputcurrentof500mA,whichmustbetaken
intoconsiderationwhenusingthebuckregulatortoprovide
thepowerforboththeVLDOandforexternalloads.
WiththeENBUCKpindriventoalogiclowandENVLDO
driventoalogichigh,theLTC3541-1enablesthelinear
regulator,providingalownoiseregulatedoutputvoltage
attheLVOUTpinwhiledrawingminimalquiescentcurrent
fromtheVINinputpin.Thisfeatureallowsoutputvoltage
LVOUTtobebroughtintoregulationwithoutthepresence
oftheLVINvoltage.
With the ENBUCK and ENVLDO pins both driven to a
logic high, the LTC3541-1 enables the high efficiency
buckconverterandVLDOregulator,providingdualoutput
operationfromasingleinputvoltage.Whenconfigured
inthismanner,theLTC3541-1’sautostart-upsequencing
featurewillbringtheVLDO/linearregulatoroutputinto
regulationinacontrolledmannerpriortoenablingthe
FU CTIO AL BLOCK DIAGRA
+
VLDO/LINEAR REG
LFB
35411 F01
PGND
GND
500mA BUCK
SW
VIN
REF
ENVLDO
MODE
FB
GND
PGND
REF
REF
LFB
CNTRL
GND
LVIN
VIN
CONTROL
LOGIC
4
LVIN
6
BUCKFB
IOUT(BUCK) = 500mA
LVOUT
5
8
ENBUCK
VIN
VIN(MIN) ≥ LVOUT + 1.4V
SW
1
10
10
µF
22pF
2.2
µF
LVOUT(MAX) < VIN – 1.4V
IOUT = 300mA (VLDO REG)
IOUT = 30mA (LINEAR REG)
2.2
µH
11
7
3
2
9
Figure 1. LTC3541-1 Functional Block Diagram


Similar Part No. - LTC3541-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
More results

Similar Description - LTC3541-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
970Kb / 16P
   High Efficiency Buck Regulator
logo
Linear Technology
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com