Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTN5061 Datasheet(PDF) 2 Page - Green Power Solutions srl

Part # GPTN5061
Description  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTN5061 Datasheet(HTML) 2 Page - Green Power Solutions srl

  GPTN5061 Datasheet HTML 1Page - Green Power Solutions srl GPTN5061 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHASE CONTROLLED SCR
GPTN5061
Document GPTN5061T001
Maximum surge current
d.s. cooled
0
1
2
3
4
5
6
7
8
1
10
100
Number of cycle current pulses [n]
On-state voltage drop
0
200
400
600
800
1000
1200
1400
0
0.5
1
1.5
2
2.5
3
VT [V]
Tj=Tjmax
Current rating - sine wave
50
60
70
80
90
100
110
120
130
0
200
400
600
IT [A]
180°
90°
120°
60°
30°
Power loss - sine wave
0
200
400
600
800
1000
1200
1400
1600
1800
0
200
400
600
IT[A]
180°
120°
90°
60°
30°
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet
without notice.
On-state voltage drop
0
200
400
600
800
1000
1200
1400
0.5
1
1.5
2
2.5
3
VT [V]
Tj=Tjmax
dimensions mm
Thermal impedance (j-c)
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.001
0.01
0.1
1
10
100
Time [s]


Similar Part No. - GPTN5061

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPTN5061 GPSEMI-GPTN5061_17 Datasheet
288Kb / 2P
   PHASE CONTROLLED SCR, High reliability operation
More results

Similar Description - GPTN5061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com