Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3541EDD-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3541EDD-3
Description  High Efficiency Buck VLDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541EDD-3 Datasheet(HTML) 1 Page - Linear Technology

  LTC3541EDD-3 Datasheet HTML 1Page - Linear Technology LTC3541EDD-3 Datasheet HTML 2Page - Linear Technology LTC3541EDD-3 Datasheet HTML 3Page - Linear Technology LTC3541EDD-3 Datasheet HTML 4Page - Linear Technology LTC3541EDD-3 Datasheet HTML 5Page - Linear Technology LTC3541EDD-3 Datasheet HTML 6Page - Linear Technology LTC3541EDD-3 Datasheet HTML 7Page - Linear Technology LTC3541EDD-3 Datasheet HTML 8Page - Linear Technology LTC3541EDD-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3541-3

35413fc
High Efficiency
Buck + VLDO Regulator
DigitalCameras
CellularPhones
PCCards
WirelessandDSLModems
OtherPortablePowerSystems
High Efficiency 500mA Buck Plus 300mA VLDO
Regulator
Auto Start-Up Powers VLDO/Linear Regulator
Output Prior to Buck Output
Independent 500mA High Efficiency Buck
(VIN: 2.7V to 5.5V)
300mA VLDO Regulator with 30mA Standalone Mode
No External Schottky Diodes Required
FixedBuck Output Voltage: 1.8V
VLDO Input Voltage Range (LVIN: 1.675V to 5.5V)
FixedVLDO Output Voltage: 1.575V
SelectableFixedFrequency,Pulse-SkipOperation
orBurstMode®Operation
Short-CircuitProtected
CurrentModeOperationforExcellentLineandLoad
TransientResponse
ShutdownCurrent:<3
µA
ConstantFrequencyOperation:2.25MHz
LowDropoutBuckOperation:100%DutyCycle
Small,ThermallyEnhanced,10-Lead(3mm
×3mm)
DFNPackage
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. VLDO is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6611131, 6304066, 6498466, 6580258.
The LTC®3541-3 combines a synchronous buck DC/
DCconverterwithaverylowdropoutlinearregulator
(VLDOTMregulator)andinternalfeedbackresistornetworks
toprovidetwooutputvoltagesfromasingleinputvoltage
withminimumexternalcomponents.Whenconfigured
fordualoutputoperation,theLTC3541-3’sautostart-up
featurewillbringthe1.575VVLDO/linearregulatoroutput
intoregulationinacontrolledmannerpriortoenablingthe
1.8Vbuckoutputwithouttheneedforexternalpincontrol.
The300mAVLDO/linearregulatoroutputwillsourceonly
30mAuntilthebuckoutputachievesregulation.Theinput
voltagerangeisideallysuitedforapplicationspowered
fromaLi-Ionbatteryand5Vor3.3Vrails.
Thesynchronousbuckconverterprovidesahighefficiency
output,typically90%.Itcanprovideupto500mAofoutput
currentwhileswitchingat2.25MHz,allowingtheuseof
smallsurfacemountinductorsandcapacitors.Amode
selectpinallowsBurstModeoperationtobeenabledfor
higherefficiencyatlightloadcurrents,ordisabledforlower
noise,constantfrequencyoperation.
TheVLDOregulatorprovidesalownoise,lowvoltage
outputcapableofprovidingupto300mAofoutputcurrent
usingonlya2.2
µFceramiccapacitor.Theinputsupply
voltageoftheVLDOregulator(LVIN)maycomefromthe
buckregulatororaseparatesupply.
LTC3541-3 Typical Application
SW
VIN
ENBUCK
VOUT
LVIN
ENVLDO
MODE
GND
LVOUT
PGND
LTC3541-3
VOUT2
1.575V
2.2
µF
35413 TA01a
2.2
µH
10
µF
VIN
3V TO 5V
VOUT1
1.8V
Buck (Burst) Efficiency vs Load Current
LOAD CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
1
10
100
1000
35413 TA01b
0
0.1
1
0.001
0.01
0.0001
EFFICIENCY
POWER
LOSS
VIN = 3V


Similar Part No. - LTC3541EDD-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541EDD-1-PBF LINER-LTC3541EDD-1-PBF Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541EDD-1-TRPBF LINER-LTC3541EDD-1-TRPBF Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541EDD-2 LINER-LTC3541EDD-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
More results

Similar Description - LTC3541EDD-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541 Datasheet
367Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
970Kb / 16P
   High Efficiency Buck Regulator
logo
Linear Technology
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com