Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPTP1270 Datasheet(PDF) 1 Page - Green Power Solutions srl

Part # GPTP1270
Description  PHASE CONTROLLED SCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GPSEMI [Green Power Solutions srl]
Direct Link  http://www.gpsemi.it
Logo GPSEMI - Green Power Solutions srl

GPTP1270 Datasheet(HTML) 1 Page - Green Power Solutions srl

  GPTP1270 Datasheet HTML 1Page - Green Power Solutions srl GPTP1270 Datasheet HTML 2Page - Green Power Solutions srl  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPTP1270
PHASE CONTROLLED SCR
High reliability operation
Electroplating applications
Resistance welding applications
BLOCKING VOLTAGE UP TO
800 V
AVERAGE CURRENT
2700 A
SURGE CURRENT
32 kA
BLOCKING CHARACTERISTICS
Characteristic
Conditions
VRRM
Repetitive peak reverse voltage
800 V
VRSM
Non-repetitive peak reverse voltage
900 V
VDRM
Repetitive peak off-state voltage
800 V
IDRM
Repetitive peak off-state current, max.
VDRM, single phase, half wave, Tj = Tjmax
100 mA
IRRM
Repetitive peak reverse current, max.
VRRM, single phase, half wave, Tj = Tjmax
100 mA
ON-STATE CHARACTERISTICS
IT(AV)
Average on-state current
Sine wave,180° conduction, Th = 55 °C
2700 A
IT(RMS)
R.M.S. on-state current
Sine wave,180° conduction, Th = 55 °C
4241 A
ITSM
Surge on-state current
Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax
32 kA
I²t
I² t for fusing coordination
5120 kA²s
VT(TO)
Threshold voltage
Tj = Tjmax
0,85 V
rT
On-state slope resistance
Tj = Tjmax
0,122 m
VTM
Peak on-state voltage, max
On-state current IT = 2000 A , Tj = 25 °C
1,15 V
IH
Holding current, max
Tj = 25 °C
300 mA
IL
Latching current, typ
Tj = 25 °C
700 mA
TRIGGERING CHARACTERISTICS
VGT
Gate trigger voltage
Tj = 25 °C, VD = 5 V
2,5 V
IGT
Gate trigger current
Tj = 25 °C, VD = 5 V
300 mA
VGD
Non-trigger voltage
VD = 67% VRRM, Tj = Tjmax
0,25 V
PGM
Peak gate power dissipation
Pulse width 100 µs
150 W
PG(AV)
Average gate power dissipation
2W
IFGM
Peak gate current
10 A
VFGM
Peak gate voltage (forward)
10 V
VRGM
Peak gate voltage (reverse)
12 V
SWITCHING CHARACTERISTICS
di/dt
Critical rate of rise of on-state current
Tj = Tjmax
200 A/µs
dV/dt
Critical rate of rise of off-state voltage
Tj = Tjmax
500 V/µs
tq
Turn-off time, typ
Tj = Tjmax, IT = 1000 A, di/dt = -20 A/µs
µs
VR = 50 V, VD = 67% VDRM, dV/dt = 20 V/µs
THERMAL AND MECHANICAL CHARACTERISTICS
Rth(j-c)
Thermal resistance (junction to case)
Double side cooled
0,015 °C/W
Rth(c-h)
Thermal resistance (case to heatsink)
Double side cooled
0,006 °C/W
Tjmax
Max operating junction temperature
150 °C
Tstg
Storage temperature
-40 / 150 °C
F
Clamping force ± 5%
23 kN
Mass
500 g
Document GPTP1270T001
Value
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Similar Part No. - GPTP1270

ManufacturerPart #DatasheetDescription
logo
Green Power Solutions s...
GPTP1270 GPSEMI-GPTP1270_17 Datasheet
334Kb / 2P
   PHASE CONTROLLED SCR
More results

Similar Description - GPTP1270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GPTR3190 ETC2-GPTR3190 Datasheet
122Kb / 2P
   PHASE CONTROLLED SCR
logo
Green Power Solutions s...
GPTG2072 GPSEMI-GPTG2072_17 Datasheet
314Kb / 2P
   PHASE CONTROLLED SCR
GPTR4260 GPSEMI-GPTR4260 Datasheet
294Kb / 2P
   PHASE CONTROLLED SCR
GPTS7224 GPSEMI-GPTS7224 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTP2165 GPSEMI-GPTP2165_17 Datasheet
487Kb / 2P
   PHASE CONTROLLED SCR
GPTR1545 GPSEMI-GPTR1545 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS3612 GPSEMI-GPTS3612 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
GPTS4510 GPSEMI-GPTS4510 Datasheet
300Kb / 2P
   PHASE CONTROLLED SCR
GPTR4154 GPSEMI-GPTR4154 Datasheet
116Kb / 2P
   PHASE CONTROLLED SCR
GPTG2072 GPSEMI-GPTG2072 Datasheet
159Kb / 2P
   PHASE CONTROLLED SCR
GPTN5061 GPSEMI-GPTN5061 Datasheet
301Kb / 2P
   PHASE CONTROLLED SCR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com