Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3542EDC-1-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3542EDC-1-TRPBF
Description  500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3542EDC-1-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3542EDC-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 12Page - Linear Technology LTC3542EDC-1-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3542-1
9
35421f
A general LTC3542-1 application circuit is shown in Figure1.
External component selection is driven by the load require-
ment and begins with the selection of the inductor L. Once
the inductor is chosen, CIN and COUT can be selected.
the burst clamp. Lower inductor values result in higher
ripple current which causes the transition to occur at lower
load currents. This causes a dip in efficiency in the upper
range of low current operation. In Burst Mode operation,
lower inductance values cause the burst frequency to
increase.
Inductor Core Selection
Different core materials and shapes change the size/cur-
rent and price/current relationships of an inductor. Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar elec-
trical characteristics. The choice of which style inductor
to use often depends more on the price vs size require-
ments and any radiated field/EMI requirements than on
what the LTC3542-1 requires to operate. Table 1 shows
some typical surface mount inductors that work well in
LTC3542-1 applications.
Input Capacitor (CIN) Selection
In continuous mode, the input current of the converter is a
square wave with a duty cycle of approximately VOUT/VIN.
To prevent large voltage transients, a low equivalent series
resistance (ESR) input capacitor sized for the maximum
RMS current must be used. The maximum RMS capacitor
current is given by:
II
VV
V
V
RMS
MAX
OUT
IN
OUT
IN
()
where the maximum average output current IMAX equals
the peak current minus half the peak-to-peak ripple cur-
rent, IMAX = ILIM – ΔIL/2. This formula has a maximum at
VIN = 2VOUT, where IRMS = IOUT/2. This simple worst-case
is commonly used to design because even significant
deviations do not offer much relief. Note that capacitor
manufacturer’s ripple current ratings are often based on
only 2000 hours life time. This makes it advisable to further
derate the capacitor, or choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet the size or height requirements of the
Figure 1. LTC3542-1 General Schematic
Inductor Selection
The inductor value has a direct effect on ripple current
ΔIL,
which decreases with higher inductance and increases with
higher VIN or VOUT, as shown in following equation:
ΔI
V
L
V
V
L
OUT
O
OUT
IN
=
⎝⎜
⎠⎟
ƒ •
1
where fO is the switching frequency. A reasonable starting
point for setting ripple current is
ΔIL = 0.4 • IOUT(MAX),
where IOUT(MAX) is 500mA. The largest ripple current ΔIL
occurs at the maximum input voltage. To guarantee that
the ripple current stays below a specified maximum, the
inductor value should be chosen according to the follow-
ing equation:
L
V
I
V
V
OUT
OL
OUT
IN MAX
=
ƒ •
()
Δ
1
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 600mA rated
inductor should be enough for most applications (500mA
+ 100mA). For better efficiency, chose a low DC-resistance
inductor.
The inductor value will also have an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor’s peak current falls below a level set by
APPLICATIONS INFORMATION
VIN
LTC3542-1
RUN
35421 F01
L
CIN
COUT
SW
VIN
VOUT
VOUT
MODE/SYNC
GND


Similar Part No. - LTC3542EDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542EDC-PBF LINER-LTC3542EDC-PBF Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542EDC-TRPBF LINER-LTC3542EDC-TRPBF Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542EDC-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3510 UNIONSEMI-UM3510_16 Datasheet
585Kb / 13P
   1A, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Integrated Syste...
LTC3542EDC LINEAR-LTC3542EDC Datasheet
199Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
280Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com