Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3548-2 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3548-2
Description  Dual Synchronous, Fixed/Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3548-2 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3548-2 Datasheet HTML 6Page - Linear Technology LTC3548-2 Datasheet HTML 7Page - Linear Technology LTC3548-2 Datasheet HTML 8Page - Linear Technology LTC3548-2 Datasheet HTML 9Page - Linear Technology LTC3548-2 Datasheet HTML 10Page - Linear Technology LTC3548-2 Datasheet HTML 11Page - Linear Technology LTC3548-2 Datasheet HTML 12Page - Linear Technology LTC3548-2 Datasheet HTML 13Page - Linear Technology LTC3548-2 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3548-2
10
35482fa
ceramic capacitors should be used. A good selection of
ceramic capacitors is available from Taiyo Yuden, AVX,
Kemet, TDK, and Murata.
Great care must be taken when using only ceramic input
and output capacitors. When a ceramic capacitor is used
at the input and the power is being supplied through long
wires, such as from a wall adapter, a load step at the output
can induce ringing at the VIN pin. At best, this ringing can
couple to the output and be mistaken as loop instability. At
worst, the ringing at the input can be large enough to
damage the part.
Since the ESR of a ceramic capacitor is so low, the input
and output capacitor must instead fulfill a charge storage
requirement. During a load step, the output capacitor must
instantaneously supply the current to support the load
until the feedback loop raises the switch current enough to
support the load. The time required for the feedback loop
to respond is dependent on the compensation and the
output capacitor size. Typically, 3-4 cycles are required to
respond to a load step, but only in the first cycle does the
output drop linearly. The output droop, VDROOP, is usually
about 2-3 times the linear drop of the first cycle. Thus, a
good place to start is with the output capacitor size of
approximately:
C
I
fV
OUT
OUT
O
DROOP
25
.
More capacitance may be required depending on the duty
cycle and load step requirements.
In most applications, the input capacitor is merely re-
quired to supply high frequency bypassing, since the
impedance to the supply is very low. A 10
µF ceramic
capacitor is usually enough for these conditions.
Setting the Output Voltage for Channel 2
The LTC3548-2 develops a 0.6V reference voltage be-
tween the feedback pin, VFB2, and the ground as shown in
Figure 2. The output voltage, VOUT2, is set by a resistive
divider according to the following formula:
VV
R
R
OUT2
06
1
2
1
=+
⎝⎜
⎠⎟
.
APPLICATIO S I FOR ATIO
Keeping the current small (<5
µA) in these resistors maxi-
mizes efficiency, but making them too small may allow
stray capacitance to cause noise problems and reduce the
phase margin of the error amp loop.
To improve the frequency response, a feed-forward ca-
pacitor CF may also be used. Great care should be taken to
route the VOUT1, VFB2 line away from noise sources, such
as the inductor or the SW line.
Power-On Reset
The POR pin is an open-drain output which pulls low when
either regulator is out of regulation. When both output
voltages are above –8.5% of regulation, a timer is started
which releases POR after 218 clock cycles (about 117ms
in pulse skip mode). This delay can be significantly longer
in Burst Mode operation with low load currents, since the
clock cycles only occur during a burst and there could be
milliseconds of time between bursts. This can be by-
passed by tying the POR output to the MODE/SYNC input,
to force pulse skipping mode during a reset. In addition, if
the output voltage faults during Burst Mode sleep, POR
could have a slight delay for an undervoltage output
condition. This can be avoided by using pulse skipping
mode instead. When either channel is shut down, the POR
output is pulled low, since one or both of the channels are
not in regulation.
Mode Selection and Frequency Synchronization
The MODE/SYNC pin is a multipurpose pin which provides
mode selection and frequency synchronization. Connect-
ing this pin to VIN enables Burst Mode operation, which
provides the best low current efficiency at the cost of a
higher output voltage ripple. Connecting this pin to ground
selects pulse skipping mode, which provides the lowest
output ripple, at the cost of low current efficiency.
The LTC3548-2 can also be synchronized to an external
2.25MHz clock signal by the MODE/SYNC pin. During
synchronization, the mode is set to pulse skipping and the
top switch turn-on is synchronized to the rising edge of the
external clock.


Similar Part No. - LTC3548-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-2 LINER-LTC3548-2_15 Datasheet
414Kb / 16P
   Dual Synchronous, Fixed /Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3548-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3548-2 LINER-LTC3548-2_15 Datasheet
414Kb / 16P
   Dual Synchronous, Fixed /Adjustable Output, 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1_15 Datasheet
329Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3548-1 LINER-LTC3548-1 Datasheet
938Kb / 16P
   Dual Synchronous, Fixed Output 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Eutech Microelectronics...
EUP3402 EUTECH-EUP3402 Datasheet
128Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
EUP3292 EUTECH-EUP3292 Datasheet
658Kb / 1P
   Dual 1A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407-4 LINER-LTC3407-4 Datasheet
244Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com