Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3550EDHC-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3550EDHC-1
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550EDHC-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3550EDHC-1 Datasheet HTML 5Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 6Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 7Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 8Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 9Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 10Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 11Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 12Page - Linear Technology LTC3550EDHC-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC3550-1
9
35501f
RUN
2V/DIV
VOUT
1V/DIV
IL
500mA/DIV
40
µs/DIV
VCC = 3.6V
ILOAD = 600mA
35501 G36
Start-Up from Shutdown
Load Step
Load Step
Load Step
Load Step
TYPICAL PERFOR A CE CHARACTERISTICS
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
20
µs/DIV
VCC = 3.6V
ILOAD = 0mA TO 600mA
35501 G37
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
20
µs/DIV
VCC = 3.6V
ILOAD = 50mA TO 600mA
35501 G38
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
20
µs/DIV
VCC = 3.6V
ILOAD = 100mA TO 600mA
35501 G39
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
20
µs/DIV
VCC = 3.6V
ILOAD = 200mA TO 600mA
35501 G40
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC3550EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550EDHC LINER-LTC3550EDHC Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results

Similar Description - LTC3550EDHC-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550 Datasheet
320Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550_15 Datasheet
326Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
   Dual USB/wall adapter Li-ion battery charger with gas gauge
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com