Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3550EDHC Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3550EDHC
Description  Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3550EDHC Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3550EDHC Datasheet HTML 6Page - Linear Technology LTC3550EDHC Datasheet HTML 7Page - Linear Technology LTC3550EDHC Datasheet HTML 8Page - Linear Technology LTC3550EDHC Datasheet HTML 9Page - Linear Technology LTC3550EDHC Datasheet HTML 10Page - Linear Technology LTC3550EDHC Datasheet HTML 11Page - Linear Technology LTC3550EDHC Datasheet HTML 12Page - Linear Technology LTC3550EDHC Datasheet HTML 13Page - Linear Technology LTC3550EDHC Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC3550
10
3550fa
PI FU CTIO S
USBIN (Pin 1): USB Input Supply Pin. Provides power to
the battery charger. The maximum supply current is 650mA.
This should be bypassed with a 1µF capacitor.
IUSB (Pin 2): USB Charge Current Program and Monitor
Pin. The charge current can be set by connecting a resis-
tor, RIUSB, to ground. When charging in constant-current
mode, this pin servos to 1V. The voltage on this pin can
be used to measure the charge current delivered from the
USB input using the following formula:
I
V
R
BAT
IUSB
IUSB
=
• 1000
ITERM (Pin 3): Termination Current Threshold Program
Pin. The current termination threshold, ITERMINATE, can be
set by connecting a resistor, RITERM, to ground. ITERMINATE
is set by the following formula:
I
V
R
TERMINATE
ITERM
=
100
When the charge current, IBAT, falls below the termination
threshold, charging stops and the
⎯C⎯H⎯R⎯G output becomes
high impedance.
This pin is internally clamped to approximately 1.5V. Driv-
ing this pin to voltages beyond the clamp voltage should
be avoided.
⎯P⎯W⎯R (Pin 4): Open-Drain Power Supply Status Output.
When the DCIN or USBIN pin voltage is sufficient to
begin charging (i.e., when the supply is greater than
the undervoltage lockout threshold and at least 180mV
above the battery terminal), the
⎯P⎯W⎯R pin is pulled low by
an internal N-channel MOSFET. Otherwise,
⎯P⎯W⎯R is high
impedance. The output is capable of sinking up to 10mA,
making it suitable for driving an LED.
⎯C⎯H⎯R⎯G (Pin 5): Open-Drain Charge Status Output. When
the LTC3550 is charging, the
⎯C⎯H⎯R⎯G pin is pulled low by
an internal N-channel MOSFET. When the charge cycle is
completed,
⎯C⎯H⎯R⎯G becomes high impedance. This output
is capable of sinking up to 10mA, making it suitable for
driving an LED.
VFB (Pin 6): Voltage Feedback Pin. Receives the feedback
voltage from an external resistor divider across the buck
regulator output.
VCC (Pin 7): Buck Regulator Input Supply Pin. Must be
closely decoupled to GND (Pins 8, 9) with a 2.2µF or
greater ceramic capacitor.
GND (Pins 8, 9): Ground.
SW (Pin 10): Buck Regulator Switch Node Connection to
Inductor. This pin connects to the drains of the internal
main (top) and synchronous (bottom) power MOSFET
switches.
RUN (Pin 11): Buck Regulator Run Control Input. Forcing
this pin above 1.5V enables the regulator. Forcing this pin
below 0.3V shuts it down. In shutdown, all buck regulator
functions are disabled drawing <1µA supply current from
VCC. Do not leave RUN floating.
EN (Pin 12): Charger Enable Input. A logic low on this pin
enables the charger. If this input is left floating, an internal
2M
Ω pull-down resistor defaults the LTC3550 to charge
mode. Pull this pin high to disable the charger.
HPWR (Pin 13): USB High/Low Power Mode Select Input.
Used to control the amount of current drawn from the
USB port. A logic high on the HPWR pin sets the charge
current to 100% of the current programmed by the IUSB
pin. A logic low on the HPWR pin sets the charge current
to 20% of the current programmed by the IUSB pin. An
internal 2M
Ω pull-down resistor defaults the charger to
its low current state.
IDC (Pin 14): Wall Adapter Charge Current Program and
Monitor Pin. The charge current is set by connecting a
resistor, RIDC, to ground. When charging in constant-
current mode, this pin servos to 1V. The voltage on this
pin can be used to measure the charge current using the
following formula:
I
V
R
BAT
IDC
IDC
=
• 1000
BAT (Pin 15): Charger Output. This pin provides charge
current to the battery and regulates the final float voltage
to 4.2V.


Similar Part No. - LTC3550EDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550EDHC-1 LINER-LTC3550EDHC-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
More results

Similar Description - LTC3550EDHC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3550-1 LINER-LTC3550-1 Datasheet
352Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550-1 LINER-LTC3550-1_15 Datasheet
358Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC3550 LINER-LTC3550_15 Datasheet
326Kb / 24P
   Dual Input USB/AC Adapter Li-Ion Battery Charger with 600mA Buck Converter
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Billiton Ltd.
TP4058 ASIC-TP4058 Datasheet
821Kb / 12P
   600mA Linear Li-Ion Battery Charger
logo
Will Semiconductor Ltd.
WS4508E WILLSEMI-WS4508E Datasheet
456Kb / 11P
   600mA, Single Li-ion Battery Charger
logo
STMicroelectronics
STW4102 STMICROELECTRONICS-STW4102_08 Datasheet
539Kb / 34P
   Dual USB/wall adapter Li-ion battery charger with gas gauge
logo
Billiton Ltd.
TP4059 ASIC-TP4059 Datasheet
813Kb / 12P
   600mA Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com