Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3561 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3561
Description  1A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3561 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3561 Datasheet HTML 5Page - Linear Technology LTC3561 Datasheet HTML 6Page - Linear Technology LTC3561 Datasheet HTML 7Page - Linear Technology LTC3561 Datasheet HTML 8Page - Linear Technology LTC3561 Datasheet HTML 9Page - Linear Technology LTC3561 Datasheet HTML 10Page - Linear Technology LTC3561 Datasheet HTML 11Page - Linear Technology LTC3561 Datasheet HTML 12Page - Linear Technology LTC3561 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3561
9
3561f
reduces surge currents from VIN by gradually increasing
the peak inductor current. Power supply sequencing can
also be accomplished using this pin. The LTC3561 has an
internal digital soft-start which steps up a clamp on ITH
over 1024 clock cycles, as can be seen in Figure 3.
The soft-start time can be increased by ramping the
voltage on ITH during start-up as shown in Figure 2(c). As
the voltage on ITH ramps through its operating range the
internal peak current limit is also ramped at a proportional
linear rate.
Checking Transient Response
The OPTI-LOOP compensation allows the transient re-
sponse to be optimized for a wide range of loads and
output capacitors. The availability of the ITH pin not only
allows optimization of the control loop behavior but also
provides a DC coupled and AC filtered closed loop re-
sponse test point. The DC step, rise time and settling at this
test point truly reflects the closed loop response. Assum-
ing a predominantly second order system, phase margin
and/or damping factor can be estimated using the percent-
age of overshoot seen at this pin. The bandwidth can also
be estimated by examining the rise time at the pin.
The ITH external components shown in the front page
circuit will provide an adequate starting point for most
applications. The series R-C filter sets the dominant pole-
zero loop compensation. The values can be modified
slightly (from 0.5 to 2 times their suggested values) to
optimize transient response once the final PC layout is
done and the particular output capacitor type and value
have been determined. The output capacitors need to be
selected because the various types and values determine
the loop feedback factor gain and phase. An output current
pulse of 20% to 100% of full load current having a rise time
of 1
µs to 10µs will produce output voltage and ITH pin
waveforms that will give a sense of the overall loop
stability without breaking the feedback loop.
Switching regulators take several cycles to respond to a
step in load current. When a load step occurs, VOUT
immediately shifts by an amount equal to
∆ILOAD • ESR,
where ESR is the effective series resistance of COUT.
∆ILOAD also begins to charge or discharge COUT generat-
ing a feedback error signal used by the regulator to return
VOUT to its steady-state value. During this recovery time,
VOUT can be monitored for overshoot or ringing that would
indicate a stability problem.
The initial output voltage step may not be within the
bandwidth of the feedback loop, so the standard second
order overshoot/DC ratio cannot be used to determine
phase margin. The gain of the loop increases with R and
the bandwidth of the loop increases with decreasing C. If
R is increased by the same factor that C is decreased, the
zero frequency will be kept the same, thereby keeping the
phase the same in the most critical frequency range of the
feedback loop. In addition, a feedforward capacitor CF can
be added to improve the high frequency response, as
shown in Figure 5. Capacitor CF provides phase lead by
creating a high frequency zero with R2 which improves the
phase margin.
APPLICATIO S I FOR ATIO
Figure 3. Digital Soft-Start
Figure 2. SHDN/RT Pin Interfacing and External Soft-Start
3561 F03a
RUN
RT
SHDN/RT
3561 F03b
RUN
RT
SHDN/RT
1M
SVIN
3561 F03c
RUN OR VIN
ITH
C1
CC
D1
RC
R1
(2c)
(2b)
(2a)
VIN
2V/DIV
VOUT
2V/DIV
IL
500mA/DIV
200
µs/DIV
3411 F04.eps
VIN = 3.3V
VOUT = 2.5V
RL = 1.4Ω


Similar Part No. - LTC3561

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AEDD-PBF LINER-LTC3561AEDD-PBF Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AEDD-TRPBF LINER-LTC3561AEDD-TRPBF Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561AIDD-PBF LINER-LTC3561AIDD-PBF Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3561

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A_15 Datasheet
361Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561A LINER-LTC3561A Datasheet
295Kb / 20P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com