Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3555IUFD-3-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3555IUFD-3-TRPBF
Description  High Effi ciency USB Power Manager Triple Step-Down DC/DC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3555IUFD-3-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3555IUFD-3-TRPBF Datasheet HTML 4Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 5Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 6Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 7Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 8Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 9Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 10Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 11Page - Linear Technology LTC3555IUFD-3-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC3555/LTC3555-X
8
3555fd
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage vs Load Current in
Suspend
VBUS Current vs Load Current in
Suspend
3.3V LDO Output Voltage vs Load
Current, VBUS = 0V
Battery Charge Current vs
Temperature
Normalized Battery Charger Float
Voltage vs Temperature
Low-Battery (Instant-On) Output
Voltage vs Temperature
Oscillator Frequency vs
Temperature
VBUS Quiescent Current vs
Temperature
VBUS Quiescent Current in
Suspend vs Temperature
LOAD CURRENT (mA)
0
4.0
4.5
5.0
0.4
3555 G10
3.5
3.0
2.5
0.1
0.2
0.3
0.5
VBUS = 5V
BAT = 3.3V
RCLPROG = 3k
LOAD CURRENT (mA)
0
0.3
0.4
0.5
0.4
3555 G11
0.2
0.1
0
0.1
0.2
0.3
0.5
VBUS = 5V
BAT = 3.3V
RCLPROG = 3k
LOAD CURRENT (mA)
0
3.0
3.2
20
3555 G12
2.8
2.6
5
10
15
25
3.4
BAT = 3V
BAT = 3.1V
BAT = 3.2V
BAT = 3.3V
BAT = 3.6V
BAT = 3.5V
BAT = 3.4V
BAT = 3.9V, 4.2V
TEMPERATURE (°C)
–40
0
100
200
300
400
040
80
120
3555 G13
500
600
–20
20
60
100
THERMAL REGULATION
RPROG = 2k
10x MODE
TEMPERATURE (°C)
–40
0.998
0.999
1.000
60
3555 G14
0.997
0.996
–15
10
35
85
1.001
TEMPERATURE (°C)
–40
3.64
3.66
60
3555 G15
3.62
3.60
–15
10
35
85
3.68
BAT = 2.7V
IVOUT = 100mA
5x MODE
TEMPERATURE (°C)
–40
2.2
2.4
60
3555 G16
2.0
1.8
–15
10
35
85
2.6
VBUS = 5V
BAT = 3.6V
VBUS = 0V
BAT = 3V
VBUS = 0V
BAT = 2.7V
VBUS = 0V
TEMPERATURE (°C)
–40
9
12
60
3555 G17
6
3
–15
10
35
85
15
VBUS = 5V
IVOUT = 0μA
5x MODE
1x MODE
TEMPERATURE (°C)
–40
50
60
60
3555 G18
40
30
–15
10
35
85
70
IVOUT = 0μA


Similar Part No. - LTC3555IUFD-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
More results

Similar Description - LTC3555IUFD-3-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3555 LINER-LTC3555_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC3555-X LINER-LTC3555-X_15 Datasheet
620Kb / 32P
   High Efficiency USB Power Manager Triple Step-Down DC/DC
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTM4600 LINER-LTM4600 Datasheet
356Kb / 24P
   10A High Effi ciency DC/DC 關Module
LTM4602 LINER-LTM4602 Datasheet
327Kb / 24P
   6A High Effi ciency DC/DC 關Module
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com