Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3562 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3562
Description  I2C Quad Synchronous Step-Down DC/DC Regulator 2 횞 600mA, 2 횞 400mA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3562 Datasheet(HTML) 3 Page - Linear Technology

  LTC3562 Datasheet HTML 1Page - Linear Technology LTC3562 Datasheet HTML 2Page - Linear Technology LTC3562 Datasheet HTML 3Page - Linear Technology LTC3562 Datasheet HTML 4Page - Linear Technology LTC3562 Datasheet HTML 5Page - Linear Technology LTC3562 Datasheet HTML 6Page - Linear Technology LTC3562 Datasheet HTML 7Page - Linear Technology LTC3562 Datasheet HTML 8Page - Linear Technology LTC3562 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3562
3
3562fa
BUCK DC/DC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C, VIN = 3.8V, VOUTx = 1.5V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 3.8V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
I2C Port
DVCC Operating Voltage
l
1.5
5.5
V
DVCC Operating Current
DVCC = 1.8V, Serial Port Idle
1
μA
DVCC UVLO Threshold Voltage
1V
VIL SDA, SCL (Low Level Input Voltage)
0.3 • DVCC
V
VIH SDA, SCL (High Level Input Voltage)
0.7 • DVCC
V
VOL SDA (Digital Output Low)
IPULLUP = 3mA
0.08
V
Serial Port Timing (Note 4)
tSCL
Clock Operating Frequency
400
kHz
tBUF
Bus Free Time Between Stop and Start Conditions
1.3
μs
tHD,STA
Hold Time After (Repeated) Start Condition
0.6
μs
tSU,STA
Repeated Start Condition Setup Time
0.6
μs
tSU,STO
Stop Condition Setup Time
0.6
μs
tHD,DAT(OUT)
Data Hold Time
225
ns
tHD,DAT(IN)
Input Data Hold Time
0
900
ns
tSU,DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
μs
tHIGH
Clock High Period
0.6
μs
tf
Clock Data Fall Time
20
300
ns
tr
Clock Data Rise Time
20
300
ns
tSP
Spike Suppression Time
50
ns
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Regulators R600A, R400A, R600B, R400B
fOSC
1.91
2.25
2.59
MHz
Maximum Duty Cycle
Pulse Skip Mode
100
%
LDO Mode Closed Loop ROUT
LDO Mode
0.25
Ω
Regulators R600A, R600B
PMOS Switch Current Limit
Pulse Skip Mode
850
1200
1500
mA
PMOS RDS(ON)
0.38
Ω
NMOS RDS(ON)
0.38
Ω
LDO Mode Open Loop ROUT
LDO Mode
2.2
Ω
Available Output Current
Forced Burst Mode
LDO, VOUT = 1.2V
75
50
140
mA
mA
SW Pull-Down in Shutdown
Shutdown
2.5


Similar Part No. - LTC3562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3562 LINER-LTC3562_15 Datasheet
257Kb / 20P
   I2C Quad Synchronous Step-Down DC/DC Regulator
More results

Similar Description - LTC3562

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3562 LINER-LTC3562_15 Datasheet
257Kb / 20P
   I2C Quad Synchronous Step-Down DC/DC Regulator
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com