Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3563 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3563
Description  500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3563 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3563 Datasheet HTML 6Page - Linear Technology LTC3563 Datasheet HTML 7Page - Linear Technology LTC3563 Datasheet HTML 8Page - Linear Technology LTC3563 Datasheet HTML 9Page - Linear Technology LTC3563 Datasheet HTML 10Page - Linear Technology LTC3563 Datasheet HTML 11Page - Linear Technology LTC3563 Datasheet HTML 12Page - Linear Technology LTC3563 Datasheet HTML 13Page - Linear Technology LTC3563 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3563
10
3563f
design. An additional 0.1µF to 1µF ceramic capacitor is
also recommended on VIN for high frequency decoupling,
when not using an all ceramic capacitor solution.
Output Capacitor (COUT) Selection
The selection of COUT is driven by the required ESR to
minimize voltage ripple and load step transients. Typically,
once the ESR requirement is satisfied, the RMS current
rating generally far exceeds the IRIPPLE(P-P) requirement,
except for an all ceramic solution. The output ripple (ΔVOUT)
is determined by:
∆∆
V
I
ESR
C
OUT
L
OUT
≈+
⎝⎜
⎠⎟
1
8•
ƒO
where fO is the switching frequency, COUT is the output
capacitance and ΔIListheinductorripplecurrent.Forafixed
output voltage, the output ripple is highest at maximum
input voltage since ΔIL increases with input voltage.
If tantalum capacitors are used, it is critical that the capaci-
tors are surge tested for use in switching power supplies.
An excellent choice is the AVX TPS series of surface mount
tantalums, available in case heights ranging from 2mm to
4mm. These are specially constructed and tested for low
ESR so they give the lowest ESR for a given volume. Other
capacitor types include Sanyo POSCAP, Kemet T510 and
T495 series, and Sprague 593D and 595D series. Consult
the manufacturer for other specific recommendations.
Ceramic Input and Output Capacitors
Higher value, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high
ripple current rating, high voltage rating and low ESR
are tempting for switching regulator use. However, the
ESR is so low that it can cause loop stability problems.
Since the LTC3563’s control loop does not depend on
the output capacitor’s ESR for stable operation, ceramic
capacitors can be used to achieve very low output ripple
and small circuit size. X5R or X7R ceramic capacitors are
recommended because these dielectrics have the best
temperature and voltage characteristics of all the ceramics
for a given value and size.
Great care must be taken when using only ceramic input
and output capacitors. When a ceramic capacitor is used
at the input and the power is being supplied through long
wires, such as from a wall adapter, a load step at the output
can induce ringing at the VIN pin. At best, this ringing can
couple to the output and be mistaken as loop instability.
At worst, the ringing at the input can be large enough to
damage the part. For more information, see Application
Note 88. The recommended capacitance value to use is
10µF for both input and output capacitors.
APPLICATIO S I FOR ATIO
Table 1. Representative Surface Mount Inductors
MANUFACTURER
PART NUMBER
VALUE
(µH)
MAX DC
CURRENT
(A)
DCR
(Ω)
SIZE (mm3)
Sumida
CDRH2D11
2.2
0.780
0.098
3.2 × 3.2 × 1.2
CDRH3D16
2.2
1.2
0.075
3.8 × 3.8 × 1.8
CMD4D11
2.2
0.95
0.116
4.4 × 5.8 × 1.2
CDH2D09B
3.3
0.85
0.15
2.8 × 3 × 1
CLS4D09
4.7
0.75
0.15
4.9 × 4.9 × 1
Murata
LQH32CN
2.2
0.79
0.097 2.5 × 3.2 × 1.55
LQH43CN
4.7
0.75
0.15
4.5 × 3.2 × 2.6
TDK
IVLC453232
2.2
0.85
0.18
4.8 × 3.4 × 3.4
VLF3010AT-
2R2M1R0
2.2
1.0
0.12
2.8 × 2.6 × 1


Similar Part No. - LTC3563

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3563 LINER-LTC3563 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
More results

Similar Description - LTC3563

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3563 LINER-LTC3563_15 Datasheet
286Kb / 16P
   500mA, Synchronous Step-Down DC/DC Converter with Selectable Output Voltage
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2619MTC NSC-LM2619MTC Datasheet
799Kb / 16P
   500mA Step-Down DC-DC Converter
logo
Torex Semiconductor
XC9276 TOREX-XC9276 Datasheet
1Mb / 30P
   Ultra-Low Quiescent Current, Synchronous Step-Down PFM DC/DC Converter with Output voltage selectable function
logo
Unisonic Technologies
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
   500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com