Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3567EUF-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3567EUF-PBF
Description  High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3567EUF-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3567EUF-PBF Datasheet HTML 1Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 2Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 3Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 4Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 5Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 6Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 7Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 8Page - Linear Technology LTC3567EUF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC3567
5
3567f
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VBUS = 5V, VIN1 = VOUT1 = 3.8V, VBAT = 3.8V, DVCC = 3.3V, RPROG = 1k,
RCLPROG = 3.01k, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tSU_STO
Stop Condition Setup Time
0.6
μs
tHD_DAT (O)
Data Hold Time Output
0
900
ns
tHD_DAT (I)
Data Hold Time Input
0
ns
tSU_DAT
Data Setup Time
100
ns
tLOW
SCL Clock Low Period
1.3
μs
tHIGH
SCL Clock High Period
0.6
μs
tf
Clock/Data Fall Time
CB = Capacitance of One BUS Line (pF)
20+0.1•CB
300
ns
tr
Clock/Data Rise Time
CB = Capacitance of One BUS Line (pF)
20+0.1•CB
300
ns
tSP
Input Spike Suppression Pulse
Width
50
ns
Buck-Boost Regulator
VIN1
Input Supply Voltage
2.7
5.5
V
VOUTUVLO
VOUT UVLO – VOUT Falling
VOUT UVLO – VOUT Rising
VIN1 Connected to VOUT Through Low
Impedance. Switching Regulator is
Disabled in UVLO
2.5
2.6
2.8
2.9
V
V
fOSC
Oscillator Frequency
l
1.8
2.25
2.7
MHz
IVIN1
Input Current
PWM Mode, IOUT1 = 0μA
Burst Mode
® Operation, IOUT1 = 0μA
Shutdown
220
13
0
400
20
1
μA
μA
μA
VOUT1(LOW)
Minimum Regulated Output
Voltage
For Burst Mode Operation or
Synchronous PWM Operation
2.65
2.75
V
VOUT1(HIGH)
Maximum Regulated Output
Voltage
5.50
5.60
V
ILIMF1
Forward Current Limit (Switch A)
PWM Mode
l
2
2.5
3
A
IPEAK1(BURST)
Forward Burst Current Limit
(Switch A)
Burst Mode Operation
l
200
275
350
mA
IZERO1(BURST)
Reverse Burst Current Limit
(Switch D)
Burst Mode Operation
l
–30
0
30
mA
IMAX1(BURST)
Maximum Deliverable Output
Current in Burst Mode Operation
2.7V ≤ VIN1 ≤ 5.5V,
2.75V ≤ VOUT1 ≤ 5.5V
(Note 6)
50
mA
VFBHIGH1
Maximum Servo Voltage
Full Scale (1,1,1,1)
l
0.780
0.800
0.820
V
VFBLOW1
Minimum Servo Voltage
Zero Scale (0,0,0,0)
l
0.405
0.425
0.445
V
VLSB1
VFB1 Servo Voltage Step Size
25
mV
IFB1
FB1 Input Current
VFB1 = 0.8V
-50
50
nA
RDS(ON)P
PMOS RDS(ON)
Switches A, D
0.22
Ω
RDS(ON)N
NMOS RDS(ON)
Switches B, C
0.17
Ω
ILEAK(P)
PMOS Switch Leakage
Switches A, D
–1
1
μA
ILEAK(N)
NMOS Switch Leakage
Switches B, C
–1
1
μA
RVOUT1
VOUT1 Pull-Down in Shutdown
10
DBUCK(MAX)
Maximum Buck Duty Cycle
PWM Mode
l
100
%
DBOOST(MAX)
Maximum Boost Duty Cycle
PWM Mode
75
%
tSS1
Soft-Start Time
0.5
ms
Burst Mode is a registered trademark of Linear Technology Corporation.


Similar Part No. - LTC3567EUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
More results

Similar Description - LTC3567EUF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3586 LINER-LTC3586 Datasheet
315Kb / 36P
   High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566-2 LINER-LTC3566-2_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3566 LINER-LTC3566_15 Datasheet
282Kb / 28P
   High Efficiency USB Power Manager Plus 1A Buck-Boost Converter
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC4088 LINER-LTC4088 Datasheet
276Kb / 24P
   High Effi ciency Battery Charger/USB Power Manager
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com