Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3565EDD-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3565EDD-TRPBF
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565EDD-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC3565EDD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC3565
3
3565f
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, RT = 125k unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IS
Input DC Supply Current (Note 4)
Active Mode
Sleep Mode
Shutdown
VSYNC/MODE = 3.6V, VFB = 0.55V
VSYNC/MODE = 3.6V, VFB = 0.8V
VRUN = 0V
330
40
0.1
450
60
1
μA
μA
μA
fOSC
Oscillator Frequency
RT = 125k
(Note 7)
1.3
1.5
1.7
4
MHz
MHz
fSYNC
Synchronization Frequency
(Note 7)
0.4
4
MHz
ILIM
Peak Switch Current Limit
VFB = 0.5V
1.5
2.1
2.5
A
RDS(ON)
Top Switch On-Resistance
MSE Package
DD Package (Note 6)
0.15
0.15
0.2
Ω
Ω
Bottom Switch On-Resistance
MSE Package
DD Package (Note 6)
0.13
0.13
0.18
Ω
Ω
ISW(LKG)
Switch Leakage Current
VIN = 5V, VRUN = 0V, VFB = 0V
0.01
1
μA
VRUN
RUN Threshold
0.3
0.8
1.5
V
IRUN
RUN Leakage Current
±0.01
±1
μA
VUVLO
Undervoltage Lockout Threshold
VIN Ramping Down
1.9
2.2
V
PGOOD
Power Good Threshold
VFB Ramping Up from 0.45V to 0.6V
VFB Ramping Down from 0.69V to 0.6V
–7
7
%
%
RPGOOD
Power Good Pull-Down On-Resistance
15
20
Ω
PGOOD Blanking
VFB Step from 0V to 0.6V
VFB Step from 0.6V to 0V
40
105
μs
μs
VSYNC-MODE
Pulse Skip
Force Continuous
Burst
1.1
VIN – 0.75
0.63
VIN – 1.05
V
V
V
tSOFT-START
10% to 90% of Regulation
0.6
0.9
1.2
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3565E is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LTC3565I is guaranteed over the full –40°C to 125°C operating junction
temperature range. High junction temperatures degrade operating lifetimes.
Operating lifetime is derated at junction temperatures greater than 125°C.
Note 3: The LTC3565 is tested in a feedback loop which servos VFB to the
midpoint for the error amplifier (VITH = 0.7V).
Note 4: Dynamic supply current is higher due to the internal gate charge
being delivered at the switching frequency.
Note 5: TJ is calculated from the ambient TA and power dissipation PD
according to the following formulas:
LTC3565EDD: TJ = TA + (PD • 43°C/W)
LTC3565EMS: TJ = TA + (PD • 120°C/W)
Note 6: Switch on-resistance is guaranteed by correlation to wafer level
measurements and assured by design characterization and correlation with
statistical process controls.
Note 7: 4MHz operation is guaranteed by design but not production tested
and is subject to duty cycle limitations (see Applications Information).
Note 8: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.


Similar Part No. - LTC3565EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565EDD LINER-LTC3565EDD Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EDDPBF LINER-LTC3565EDDPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EDDTRPBF LINER-LTC3565EDDTRPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com