Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3565EDD-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3565EDD-TRPBF
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565EDD-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC3565EDD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3565EDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC3565
4
3565f
Efficiency vs Output Current
Efficiency vs Frequency
Load Regulation
Line Regulation
Reference Voltage vs
Temperature
Frequency Variation vs
Temperature
OUTPUT CURRENT (mA)
0.1
1
10
0
40
30
100
1000
100
10000
3565 G04
20
10
60
50
80
70
90
VOUT = 1.8V
Burst Mode
OPERATION
FORCED CONTINUOUS
PULSE
SKIP
FREQUENCY (MHz)
95
94
93
92
91
90
89
88
3565 G05
03
5
12
4
VOUT = 1.8V
4.7μH
1μH
2.2μH
INPUT VOLTAGE(V)
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
3565 G07
2.5
4.0
5.0
5.5
3.0
3.5
4.5
VOUT = 1.8V
ILOAD = 400mA
TEMPERATURE(°C)
6
4
2
0
–2
–4
–6
3565 G09
–50
25
75
100
125
–25
0
50
OUTPUT CURRENT(mA)
1.00
0.75
0.50
0.25
0.00
–0.25
–0.50
3565 G06
0
600
1000 1200 1400
200
400
800
VOUT = 1.8V
FORCED CONTINUOUS
Burst Mode OPERATION
PULSE SKIP
TEMPERATURE (°C)
–50
605
610
615
25
75
3565 G08
600
595
–25
0
50
100
125
590
585
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Output Current
Efficiency vs Output Current
TA = 25°C, VIN = 3.6V, fO = 1MHz, unless
otherwise noted.
INPUT VOLTAGE(V)
2.5
100
90
80
70
60
50
40
30
4.0
5.0
3565 G01
3.0
3.5
4.5
5.5
IOUT = 100mA
IOUT = 1.25A
VOUT = 1.8V
IOUT = 1mA
IOUT = 0.1mA
IOUT = 10mA
OUTPUT CURRENT (mA)
0.1
1
10
0
40
30
100
1000
100
10000
3565 G02
20
10
60
50
80
70
90
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.8V
OUTPUT CURRENT (mA)
0.1
1
10
0
40
30
100
1000
100
10000
3565 G03
20
10
60
50
80
70
90
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
VOUT = 1.5V


Similar Part No. - LTC3565EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565EDD LINER-LTC3565EDD Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EDDPBF LINER-LTC3565EDDPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565EDDTRPBF LINER-LTC3565EDDTRPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565EDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com