Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3569 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3569
Description  Triple Buck Regulator With 1.2A and Two 600mA Outputs and Individual Programmable References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569 Datasheet(HTML) 2 Page - Linear Technology

  LTC3569 Datasheet HTML 1Page - Linear Technology LTC3569 Datasheet HTML 2Page - Linear Technology LTC3569 Datasheet HTML 3Page - Linear Technology LTC3569 Datasheet HTML 4Page - Linear Technology LTC3569 Datasheet HTML 5Page - Linear Technology LTC3569 Datasheet HTML 6Page - Linear Technology LTC3569 Datasheet HTML 7Page - Linear Technology LTC3569 Datasheet HTML 8Page - Linear Technology LTC3569 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3569
2
3569f
ABSOLUTE MAXIMUM RATINGS
SVIN Voltage.......................... –0.3V to 6V (7V Transient)
PVINX Voltage.........................SVIN – 0.3V to SVIN + 0.3V
ENx, MODE, PGOOD, SWx, FBx ......–0.3V to SVIN + 0.3V
RT Voltage.................................................... –0.3V to 6V
ISW1 (DC) .................................................................2.5A
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
FB3
SVIN
SGND
EN3
EN2
EN1
SW3
PVIN1
FB1
FB2
RT
MODE
PGOOD
PVIN2
SW2
SW1
17
TJMAX = 125°C, θJA = 38°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17 16
7
8
TOP VIEW
21
UD PACKAGE
20-LEAD (3mm × 3mm) PLASTIC QFN
9 10
SW2
PVIN2
PGOOD
MODE
RT
SW3
PGND3
EN1
EN2
EN3
12
11
13
14
15
4
5
3
2
1
6
TJMAX = 125°C, θJA = 68°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3569EUD#PBF
LTC3569EUD#TRPBF
LDQF
20-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC3569IUD#PBF
LTC3569IUD#TRPBF
LDQF
20-Lead (3mm
× 3mm) Plastic QFN
–40°C to 85°C
LTC3569EFE#PBF
LTC3569EFE#TRPBF
3569FE
16-Lead Plastic TSSOP
–40°C to 85°C
LTC3569IFE#PBF
LTC3569IFE#TRPBF
3569FE
16-Lead Plastic TSSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ISW2, ISW3 (DC)........................................................1.3A
Operating Temperature Range.................. –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
Maximum Junction Temperature (Note 6) ............ 125°C
Peak Reflow Temperature ..................................... 260°C
(Notes 1, 6)


Similar Part No. - LTC3569

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3569 LINER-LTC3569 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
More results

Similar Description - LTC3569

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
logo
Analog Devices
ADP5135 AD-ADP5135 Datasheet
782Kb / 24P
   Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
Rev. 0
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com