Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3565IDD-TRPBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3565IDD-TRPBF
Description  1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3565IDD-TRPBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3565IDD-TRPBF Datasheet HTML 1Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3565IDD-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3565
2
3565f
PIN CONFIGURATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
PVIN, SVIN Voltages ..................................... –0.3V to 6V
VFB, ITH, RT Voltages ....................–0.3V to (VIN + 0.3V)
SYNC/MODE, PGOOD Voltage .......–0.3V to (VIN + 0.3V)
SW Voltage (DC) ...........................–0.3V to (VIN + 0.3V)
RUN Voltage ............................................... –0.3V to 6V
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.5
5.5
V
IFB
Feedback Pin Input Current
(Note 3)
50
nA
VFB
Feedback Voltage
(Note 3)
0.588
0.6
0.612
V
ΔVLINEREG
Reference Voltage Line Regulation
VIN = 2.5V to 5V
0.04
0.2
%/V
ΔVLOADREG
Output Voltage Load Regulation
ITH = 0.55V to 0.9V
0.02
0.2
%
gm(EA)
Error Amplifier Transconductance
ITH Pin Load = ±5μA (Note 3)
300
μS
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
ITH
VFB
PGOOD
SVIN
PVIN
RT
RUN
SYNC/MODE
SW
GND
TJMAX = 125°C, θJA = 43°C/W, θJC = 7.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
RT
RUN
SYNC/MODE
SW
GND
10
9
8
7
6
ITH
VFB
PGOOD
SVIN
PVIN
TOP VIEW
MSE PACKAGE
10-LEAD PLASTIC MSOP
11
TJMAX = 125°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, RT = 125k unless otherwise specified. (Note 2)
Operating Junction Temperature Range
(Notes 2, 5, 8)........................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3565EDD#PBF
LTC3565EDD#TRPBF
LTDNR
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3565IDD#PBF
LTC3565IDD#TRPBF
LTDNR
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3565EMSE#PBF
LTC3565EMSE#TRPBF
LTDVJ
10-Lead Plastic MSOP
–40°C to 125°C
LTC3565IMSE#PBF
LTC3565IMSE#TRPBF
LTDVJ
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC3565IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3565IDD LINER-LTC3565IDD Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565IDDPBF LINER-LTC3565IDDPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565IDDTRPBF LINER-LTC3565IDDTRPBF Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3565IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3411A LINER-LTC3411A Datasheet
625Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411 Datasheet
288Kb / 20P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_15 Datasheet
812Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411A LINER-LTC3411A_15 Datasheet
1Mb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3411 LINER-LTC3411_15 Datasheet
258Kb / 24P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_1 Datasheet
593Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3565 LINER-LTC3565_12 Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3561 LINER-LTC3561_15 Datasheet
238Kb / 16P
   1A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568 Datasheet
231Kb / 16P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3568 LINER-LTC3568_15 Datasheet
310Kb / 18P
   1.8A, 4MHz, Synchronous Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com