Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3569IUD-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3569IUD-PBF
Description  Triple Buck Regulator With 1.2A and Two 600mA Outputs and Individual Programmable References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569IUD-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3569IUD-PBF Datasheet HTML 7Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 8Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 9Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 10Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 11Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 12Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 13Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 14Page - Linear Technology LTC3569IUD-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC3569
11
3569f
OPERATION
tor (NCOMP) signals to turn-off the N-channel switch, so
that is does not discharge the output capacitor. When a
rising clock edge occurs, the P-channel switch turns on
repeating the cycle.
The peak inductor current is controlled by the error amplifier
(EA) and is influenced by the slope compensation. The error
amplifier compares the FB pin voltage to the programmed
internal reference (REF). When the load current increases,
the FB voltage decreases. When the FB voltage falls below
the reference voltage, the error amplifier output rises
to increase the peak inductor current until the average
inductor current matches the new load current. With the
inductor current equal to the load current, the duty cycle
will stabilize to a value equal to VOUT/VIN.
Low Current Operation
At light loads, the FB voltage may rise above the refer-
ence voltage. If this occurs the error amplifier signals
the control loop to go to sleep, and the P-channel turns
off immediately. The inductor current then discharges
through the N-channel switch until the inductor current
approaches zero; whereupon the SW goes Hi-Z, and the
output capacitor supplies power to the load. When the
load discharges the output capacitor the feedback voltage
falls and the error amp wakes up the buck, restarting the
main control loop as if a clock cycle has just begun. This
sleep cycle helps minimize the switching losses which are
dominated by the gate charge losses of the power devices.
Two operating modes are available to control the operation
of the LTC3569 at low currents, Burst Mode operation and
pulse skip mode.
Select Burst Mode operation to optimize efficiency at low
output currents. In Burst Mode operation the inductor cur-
rent reaches a fixed current before the P-channel switch
compares inductor current against the value determined
by ITH. This burst clamp causes the output voltage to rise
above the regulation voltage and forces a longer sleep cycle.
Thisgreatlyreducesswitchinglossesandaveragequiescent
current at light loads, at the cost of higher ripple voltage.
Pulse skip mode is intended for lower output voltage ripple
at light load currents. Here, the peak P-channel current is
compared with the value determined by the error amplifier
output. Then, the P-channel is turned off and the N-channel
switch is turned on until either the next cycle begins or the
N-channel comparator (NCOMP) turns off the N-channel
switch. If the NCOMP trips, the SW node goes Hi-Z and
the buck operates discontinuously. In pulse skip mode
the LTC3569 continues to switch at a constant frequency
down to very low currents; where it eventually begins
skipping pulses. Because the LTC3569 remains active at
lighter load currents in pulse skip mode, the efficiency
performance is traded off against output voltage ripple
and electromagnetic interference (EMI).
Dropout Operation
When the input supply voltage decreases towards the out-
put voltage the duty cycle automatically increases to 100%;
which is the dropout condition. In dropout, the P-channel
switch is turned on continuously with the output voltage
being equal to the input voltage minus the voltage drop
across the internal P-channel switch and the inductor.
Low Supply Operation
The LTC3569 incorporates an undervoltage lockout circuit
which shuts down the part when the input voltage drops
below 2.5V to prevent unstable operation. The UVLO
function does not reset the reference voltage DAC. (See
Programming the Reference.)
Slave Power Stage
When the FB pin of one of the two 600mA regulators is tied
to SVIN that regulator’s control circuits are disabled and
the regulator’s switch pin is configured to follow a master
regulator; either the first 600mA regulator (regulator 2) or
the 1.2A regulator (regulator 1). In this way, two regulator
power stages are ganged together (e.g. switch pins shorted
together to a single inductor) to support higher current
levels. This permits three permutations of power levels:
three independent regulators at 1.2A, 600mA and 600mA;


Similar Part No. - LTC3569IUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3569 LINER-LTC3569 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
More results

Similar Description - LTC3569IUD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
logo
Analog Devices
ADP5135 AD-ADP5135 Datasheet
782Kb / 24P
   Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
Rev. 0
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com