Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3569IUD-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3569IUD-TRPBF
Description  Triple Buck Regulator With 1.2A and Two 600mA Outputs and Individual Programmable References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3569IUD-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3569IUD-TRPBF Datasheet HTML 2Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 3Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 4Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 5Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 6Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 7Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 8Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 9Page - Linear Technology LTC3569IUD-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3569
6
3569f
TYPICAL PERFORMANCE CHARACTERISTICS
Line Regulation
FB Pin Leakage
IQSD vs Temperature
VSUPPLY (V)
2
0.15
0.05
0.10
–0.05
0.00
–0.10
–0.15
4
3569 G16
6
5
3
BUCK2 = 1.2V
BUCK1 = 1.8V
BUCK3 = 1.5V
PULSE SKIP MODE
ILOAD1 = 200mA
ILOAD2, 3 = 150mA
EACH BUCK TESTED INDIVIDUALLY
VFB (V)
0
1000
10
100
0.1
1
0.01
0.001
4
3569 G17
6
5
3
2
1
SLAVE
DETECTOR = 250nA
IFB2,3
IFB1
VIN = 5.5V
TEMPERATURE (°C)
–50
10000
1000
10
100
1
0.1
50
3569 G18
150
100
0
VIN = 5.5V
TA = 25°C, unless otherwise noted.
Buck1 Load Regulation
Buck2 Load Regulation
Buck3 Load Regulation
ILOAD (A)
0
0.6
0.0
0.2
0.4
–0.4
–0.2
–0.6
0.6
3569 G13
1.2
0.8
1
0.2
0.4
VIN = 5.5V
VIN = 4.5V
VIN = 3.5V
VIN = 2.5V
PULSE SKIP
BUCK2, 3 OFF
ILOAD (A)
0
0.6
0.0
0.2
0.4
–0.4
–0.2
–0.6
0.3
3569 G14
0.6
0.4
0.5
0.1
0.2
VIN = 5.5V
VIN = 4.5V
VIN = 3.5V
VIN = 2.5V
BUCK1, 3 OFF
PULSE SKIP
ILOAD (A)
0
0.6
0.0
0.2
0.4
–0.4
–0.2
–0.6
0.3
3569 G15
0.6
0.4
0.5
0.1
0.2
BUCK1, 2 OFF
PULSE SKIP
VOUT3 = 1.5V


Similar Part No. - LTC3569IUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3569 LINER-LTC3569 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
More results

Similar Description - LTC3569IUD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3569 LINER-LTC3569_15 Datasheet
395Kb / 26P
   Triple Buck Regulator with 1.2A and Two 600mA Outputs and Individual Programmable References
logo
Analog Devices
ADP5135 AD-ADP5135 Datasheet
782Kb / 24P
   Triple 1800 mA Buck Regulator with Precision Enables and Power-Good Outputs
Rev. 0
logo
Maxim Integrated Produc...
MAX20075 MAXIM-MAX20075 Datasheet
947Kb / 16P
   36V, 600mA/1.2A Mini Buck Converter
Rev 10; 8/19
logo
Texas Instruments
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6413 INTERSIL-ISL6413 Datasheet
380Kb / 12P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com