Electronic Components Datasheet Search |
|
GPTR3190 Datasheet(PDF) 1 Page - Green Power Solutions srl |
|
GPTR3190 Datasheet(HTML) 1 Page - Green Power Solutions srl |
1 / 2 page GPTR3190 PHASE CONTROLLED SCR High reliability operation DC power supply AC drives VOLTAGE UP TO 2400 V AVERAGE CURRENT 1900 A SURGE CURRENT 22 kA BLOCKING CHARACTERISTICS Characteristic Conditions VRRM Repetitive peak reverse voltage 2400 V VRSM Non-repetitive peak reverse voltage 2500 V VDRM Repetitive peak off-state voltage 2400 V IDRM Repetitive peak off-state current, max. VDRM, single phase, half wave, Tj = Tjmax 70 mA IRRM Repetitive peak reverse current, max. VRRM, single phase, half wave, Tj = Tjmax 70 mA ON-STATE CHARACTERISTICS IT(AV) Average on-state current Sine wave,180° conduction, Th = 55 °C 1900 A IT(RMS) R.M.S. on-state current Sine wave,180° conduction, Th = 55 °C 2984 A ITSM Surge on-state current Non rep. half sine wave, 50 Hz, VR = 0 V, Tj = Tjmax 22 kA I²t I² t for fusing coordination 2420 kA²s VT(TO) Threshold voltage Tj = Tjmax 1,04 V rT On-state slope resistance Tj = Tjmax 0,23 m Ω VTM Peak on-state voltage, max On-state current IT = 5000 A , Tj = 25 °C 2,15 V IH Holding current, max Tj = 25 °C 300 mA IL Latching current, typ Tj = 25 °C 500 mA TRIGGERING CHARACTERISTICS VGT Gate trigger voltage Tj = 25 °C, VD = 5 V 3V IGT Gate trigger current Tj = 25 °C, VD = 5 V 400 mA VGD Non-trigger voltage VD = 67% VRRM, Tj = Tjmax 0,15 V PGM Peak gate power dissipation Pulse width 0.5 ms 100 W PG(AV) Average gate power dissipation 5W IFGM Peak gate current 30 A VFGM Peak gate voltage (forward) 12 V VRGM Peak gate voltage (reverse) 3V SWITCHING CHARACTERISTICS di/dt Critical rate of rise of on-state current Tj = Tjmax 200 A/µs dV/dt Critical rate of rise of off-state voltage Tj = Tjmax 1000 V/µs tq Turn-off time, typ Tj = Tjmax, IT = 800 A, di/dt = -12.5 A/µs 400 µs VR = 100 V, VD = 67% VDRM, dV/dt = 20 V/µs THERMAL AND MECHANICAL CHARACTERISTICS Rth(j-c) Thermal resistance (junction to case) Double side cooled 0,016 °C/W Rth(c-h) Thermal resistance (case to heatsink) Double side cooled 0,001 °C/W Tjmax Max operating junction temperature 125 °C Tstg Storage temperature -40 / 125 °C F Clamping force ± 10% 30 kN Mass 1400 g Document GPTR3190T001 Value Green Power Solutions srl Via Greto di Cornigliano 6R - 16152 Genova , Italy Phone: +39-010-659 1869 Fax: +39-010-659 1870 Web: www.gpsemi.it E-mail: info@gpsemi.it |
Similar Part No. - GPTR3190 |
|
Similar Description - GPTR3190 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |