Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3586-1 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3586-1
Description  High Effi ciency USB Power Manager with Boost, Buck-Boost and Dual Bucks
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3586-1 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3586-1 Datasheet HTML 7Page - Linear Technology LTC3586-1 Datasheet HTML 8Page - Linear Technology LTC3586-1 Datasheet HTML 9Page - Linear Technology LTC3586-1 Datasheet HTML 10Page - Linear Technology LTC3586-1 Datasheet HTML 11Page - Linear Technology LTC3586-1 Datasheet HTML 12Page - Linear Technology LTC3586-1 Datasheet HTML 13Page - Linear Technology LTC3586-1 Datasheet HTML 14Page - Linear Technology LTC3586-1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC3586/LTC3586-1
11
3586fa
PIN FUNCTIONS
ILIM0, ILIM1 (Pins 1, 2): Logic Inputs. ILIM0 and ILIM1
control the current limit of the PowerPath switching
regulator. See Table 1.
SW4 (Pin 8): Switch Node for the (Boost) Switching
Regulator 4. An external inductor connects between this
pin and VIN4.
MODE (Pin 9): Digital Input. The MODE pin controls dif-
ferent modes of operation for the switching regulators
according to Table 2.
Table 1. USB Current Limit Settings
(ILIM1)(ILIM0)
USB SETTING
0
0
1x Mode (USB 100mA Limit)
0
1
10x Mode (Wall 1A Limit)
1
0
Suspend
1
1
5x Mode (USB 500mA Limit)
LDO3V3 (Pin 3): 3.3V LDO Output Pin. This pin provides
a regulated always-on 3.3V supply voltage. LDO3V3
gets its power from VOUT. It may be used for light loads
such as a watch dog microprocessor or real time clock.
A 1μF capacitor is required from LDO3V3 to ground. If
the LDO3V3 output is not used it should be disabled by
connecting it to VOUT.
CLPROG (Pin 4): USB Current Limit Program and Moni-
tor Pin. A resistor from CLPROG to ground determines
the upper limit of the current drawn from the VBUS pin.
A fraction of the VBUS current is sent to the CLPROG pin
when the synchronous switch of the PowerPath switching
regulator is on. The switching regulator delivers power until
the CLPROG pin reaches 1.188V. Several VBUS current limit
settings are available via user input which will typically
correspond to the 500mA and 100mA USB specifications.
A multilayer ceramic averaging capacitor is required at
CLPROG for filtering.
NTC (Pin 5): Input to the Thermistor Monitoring Circuits.
The NTC pin connects to a battery’s thermistor to deter-
mine if the battery is too hot or too cold to charge. If the
battery’s temperature is out of range, charging is paused
until it re-enters the valid range. A low drift bias resistor
is required from VBUS to NTC and a thermistor is required
from NTC to ground. If the NTC function is not desired,
the NTC pin should be grounded.
VOUT4 (Pins 6, 7): Power Output for the (Boost) Switching
Regulator 4. A 10μF MLCC capacitor should be placed as
close to the pins as possible.
Table 2. Switching Regulators Mode
REGULATION MODE
Mode
Buck
Buck-Boost
Boost
0
Pulse-Skip
PWM
Pulse-Skip
1
Burst
Burst
Pulse-Skip
FB4 (Pin 10): Feedback Input for the (Boost) Switching
Regulator 4. When the control loop is complete, the volt-
age on this pin servos to 0.8V.
FB3 (Pin 11): Feedback Input for (Buck-Boost) Switching
Regulator 3. When regulator 3’s control loop is complete,
this pin servos to 0.8V.
VC3(Pin12):OutputoftheErrorAmplifierandVoltageCom-
pensation Node for (Buck-Boost) Switching Regulator 3.
External Type I or Type III compensation (to FB3) connects
to this pin. See the Applications Information section for
selecting buck-boost compensation components.
SWAB3 (Pin 13): Switch Node for (Buck-Boost) Switch-
ing Regulator 3. Connected to Internal Power Switches A
and B. An external inductor connects between this node
and SWCD3.
VIN3(Pins14,15):PowerInputfor(Buck-Boost)Switching
Regulator 3. These pins will generally be connected to VOUT.
A 1μF MLCC capacitor is recommended on these pins.
VOUT3 (Pins 16, 17): Output Voltage for (Buck-Boost)
Switching Regulator 3.
EN3 (Pin 18): Digital Input. This input enables the
buck-boost switching regulator 3.
SWCD3 (Pin 19): Switch Node for (Buck-Boost) Switch-
ing Regulator 3 Connected to Internal Power Switches C
and D. An external inductor connects between this node
and SWAB3.


Similar Part No. - LTC3586-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3586-1 LINER-LTC3586-1 Datasheet
570Kb / 50P
   8-Output Regulator with Sequencing and I2C
LTC3586-1 LINER-LTC3586-1 Datasheet
427Kb / 38P
   7-Channel Confi gurable High Power PMIC
LTC3586-1 LINER-LTC3586-1 Datasheet
517Kb / 38P
   Power Management Solution for Application Processors
LTC3586-1 LINER-LTC3586-1 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
logo
Analog Devices
LTC3586-1 AD-LTC3586-1 Datasheet
1Mb / 30P
   Multioutput Power Management Solution with Four Buck Switching and Three LDO Linear Regulators with I2C
08/21 Rev. A
More results

Similar Description - LTC3586-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3556 LINER-LTC3556_15 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3556 LINER-LTC3556 Datasheet
346Kb / 36P
   High Effi ciency USB Power Manager with Dual Buck and Buck-Boost DC/DCs
LTC3586 LINER-LTC3586_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-1 LINER-LTC3586-1_15 Datasheet
454Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3586-3 LINER-LTC3586-3_15 Datasheet
699Kb / 36P
   High Efficiency USB Power Manager with Boost, Buck-Boost and Dual Bucks
LTC3566 LINER-LTC3566 Datasheet
262Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter
LTC3567 LINER-LTC3567_15 Datasheet
281Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3567 LINER-LTC3567 Datasheet
273Kb / 28P
   High Effi ciency USB Power Manager Plus 1A Buck-Boost Converter with I2C Control
LTC3785-1 LINER-LTC3785-1_15 Datasheet
224Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
LTC3785-1 LINER-LTC3785-1 Datasheet
240Kb / 20P
   10V, High Effi ciency, Buck-Boost Controller with Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com