Electronic Components Datasheet Search |
|
HPS12W-ANN-256 Datasheet(PDF) 1 Page - Emerson Network Power |
|
HPS12W-ANN-256 Datasheet(HTML) 1 Page - Emerson Network Power |
1 / 5 page rev 08.25.04 Technical Support: (888) 41-ASTEC or (407) 241-2752 Americas: (760) 930-4600 Europe (UK) 44 (1384) 842-211 Asia (HK) 852-2437-9662 152 Special Features Electrical Specs 1000-6000 Watts HPS10/12/15 Series • Integrated OR-ing diode • Remote Sense on Bulk output • Overload protection on all outputs • Active Inrush limiting • PFC to 0.99 typical EN61000-3-2 • CISPR22, EN55022 Curve B conducted/radiated EMI • EN61000 immunity standards • Optional 48 W fan voltage (12 V or 24 V) • Standard 5 V at 5 A standby voltage (3.3V option) • No minimum load • Overvoltage protection • Input OK signal and indicator LED • Inhibit/Enable • Remote Margin/Voltage Programming • Optional current monitor • Optional AC Line discrimination • Output Good signal and indicator LED • Temp good signal and indicator LED • Optional single wire digital temp monitor • Optional module I 2C interface • Optional Rack µController •Hot Plug • N+1 Redundant Standard • Optional fan fail signal • Module present signal • Optional short circut latch Input Input voltage 85-264 VAC* Frequency 47-440 Hz Inrush current 40 A peak max. Efficiency 85% typ @ full case load 230 VAC Power factor 0.99 typical meets EN61000-3-2 Turn-on time AC on 1.5 sec. typical, Inhibit / Enable 100 ms typical EMI filter standard CISPR 22 EN55022 Level “B” Leakage current standard 2 mA max @ 264 VAC @ 60Hz (per module) Radiated EMI CISPR 22 EN55022 Level “B” Holdup time 20 ms minimum (independent of input VAC) AC OK >5 ms early warning min. before outputs lose regulation; Full cycle ride thru (50 Hz) Harmonic distortion Meets EN61000-3-2 Isolation Meets EN60950 * see modules table on the next page Output Margining ±5% of nominal Overall reg 1% Ripple 1% of Vout Pk-Pk limited to 20 MHz Dynamic response 2% with 25% load step Recovery time To within 1% in <300 µsec Overcurrent protection 105-120% of rated output current Short circuit protection Protected for continuous short circuit. Recovery is automatic upon removal of short Overvoltage protection 105-120% . Recycle AC input voltage to reset OVP circuit Reverse voltage protection 100% of rated output current Thermal protection Main and Aux disabled when internal temp exceeds safe operating range. Remote sense Up to 0.5 V total drop Single wire parallel Current share to within 10% of total rated current DC OK ±5% of nominal Minimum load Not required Standby voltage 5 VDC @5A max. present whenever AC input is applied (3.3 V @ 5A optional) Global Inhibit/Enable Logic “0” standard logic “1” optional Operating temperature: -10°C to +50°C ambient, derate output @ 2.5% per degree from 50°C to 70°C Shock/Vibration: Mil-Hdbk 810E Humidity: 95% non-condensing Storage temperature: -40°C to +85°C Temperature coefficient: 0.02% per °C Cooling: Internal DC fan MTBF (Calculated): 200 KHrs; 25°C, 200 VAC input, nominal O/P voltage, full load Safety: UL / CSA UL60950 3rd Ed and CSA C22.2 60950 TUV EN60950 CB Certificate and report CE Mark Environmental & Safety |
Similar Part No. - HPS12W-ANN-256 |
|
Similar Description - HPS12W-ANN-256 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |