Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3459EDC-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3459EDC-PBF
Description  10V Micropower Synchronous Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3459EDC-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3459EDC-PBF Datasheet HTML 4Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 5Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 6Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 7Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 8Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 9Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 10Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 11Page - Linear Technology LTC3459EDC-PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC3459
9
3459fc
Very low operating quiescent current and synchronous
operation allow for greater than 85% conversion efficiency
in many applications. Lower output voltages will result in
lower efficiencies since the N- and P-channel RDS(ON)s
will increase. The switching frequency and output power
capability of the LTC3459 are also dependant on input and
output voltages.
Charging a SuperCap®
SuperCaps have become a popular alternative to NiCd
batteries as back-up power sources in portable equip-
ment. Capacitance values of one farad and higher are
achievable in small package sizes with leakage currents
in the low microamps. SuperCaps are typically charged
at low currents for several minutes until they reach the
required back-up voltage.
TYPICAL APPLICATIONS
5V from Li-Ion Input
The LTC3459 is designed to control peak inductor current
when VIN is greater than or less than VOUT. This allows
current to be controlled during start-up in a boost applica-
tion, for example, or VOUT to be regulated below VIN when
powered from a fresh battery. Peak current control makes
the LTC3459 an ideal candidate for charging a back-up
source such as a SuperCap. Figure 5 shows an application
where the LTC3459 is used to charge a two-farad, 5V Su-
perCap from a 3.3V input. A NiCd battery could be charged
by the LTC3459 as well, but that application may require
additional circuitry for proper charge termination.
When VOUT is less than ~3.5V, the body of the internal
synchronous P-channel MOSFET rectifier is connected to
VIN, and the SW pin rises a diode above VIN when current
is delivered to the load. While efficiency is compromised
in this mode of operation, current to the SuperCap is
10V from 3.3V or 5V Input
SW
15μH*
VIN
1M
VOUT
5V
4.7μF
47pF
1μF
LTC3459
SHDN
VOUT
FB
Li-Ion
BATTERY
VIN
2.5V TO 4.2V
OFF ON
GND
332k
3459 TA04a
*COILCRAFT DO3314
+
ILOAD (mA)
60
70
80
90
100
0.01
1
10
100
3459 TA04b
50
0.1
VOUT = 5V
VIN = 4.2V
VIN = 2.5V
SW
33μH*
VIN
2M
VOUT
10V
VIN
3.3V TO 5V
4.7μF
47pF
1μF
LTC3459
SHDN
VOUT
FB
OFF ON
GND
280k
3459 TA05a
*COILCRAFT DO3314
ILOAD (mA)
60
70
80
90
100
0.01
1
10
100
3459 TA05b
50
0.1
VOUT = 10V
VIN = 3.3V
VIN = 5V


Similar Part No. - LTC3459EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459EDC-PBF LINER-LTC3459EDC-PBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
More results

Similar Description - LTC3459EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
   10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459 Datasheet
216Kb / 12P
   10V Micropower Synchronous Boost Converter in ThinSOT
LTC3402 LINER-LTC3402_15 Datasheet
235Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3402 LINER-LTC3402 Datasheet
229Kb / 16P
   2A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
LTC3401 LINER-LTC3401_15 Datasheet
240Kb / 16P
   1A, 3MHz Micropower Synchronous Boost Converter
logo
Kingbor Technology Co
KB3440 KINGBOR-KB3440 Datasheet
189Kb / 20P
   Micropower Synchronous Buck-Boost DC/DC Converter
logo
Linear Technology
LTC3532EMS LINER-LTC3532EMS Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com