Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3499EDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3499EDD
Description  750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3499EDD Datasheet(HTML) 3 Page - Linear Technology

  LTC3499EDD Datasheet HTML 1Page - Linear Technology LTC3499EDD Datasheet HTML 2Page - Linear Technology LTC3499EDD Datasheet HTML 3Page - Linear Technology LTC3499EDD Datasheet HTML 4Page - Linear Technology LTC3499EDD Datasheet HTML 5Page - Linear Technology LTC3499EDD Datasheet HTML 6Page - Linear Technology LTC3499EDD Datasheet HTML 7Page - Linear Technology LTC3499EDD Datasheet HTML 8Page - Linear Technology LTC3499EDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3499/LTC3499B
3
3499f
ELECTRICAL CHARACTERISTICS The denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 2.4V, VOUT = 5V, SHDN = 2.4V, TA = TJ unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Specification is guaranteed by design and not 100% tested in
production.
Note 3:The LTC3499E/LTC3499BE are guaranteed to meet device
specifications from 0
°C to 85°C. Specifications over the –40°C to 85°C
operating temperature are assured by design, characterization and
correlation with statistical process controls.
Note 4: These ICs include overtemperature protection that is intended to
protect the devices during momentary overload conditions. Junction
temperatures will exceed 125
°C when overtemperature protection is
active. Continuous operation above the specified maximum operating
temperature range may impair device reliability.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
INMOS
NMOS Switch Leakage
VSW = 6V
0.1
5
µA
IPMOS
PMOS Switch Leakage
VOUT = 6V, VSW = 0V
0.1
5
µA
RNMOS
NMOS Switch On Resistance
VOUT = 3.3V
0.45
VOUT = 5V
0.4
RPMOS
PMOS Switch On Resistance
VOUT = 3.3V
0.58
VOUT = 5V
0.45
ILIM
NMOS Current Limit
0.75
A
tDLY, ILIM
Current Limit Delay to Output
Note 2
60
ns
DMAX
Maximum Duty Cycle
80
85
%
DMIN
Minimum Duty Cycle
0%
fOSC
Frequency Accuracy
1
1.2
1.4
MHz
GmEA
Error Amplifier Transconductance
40
µmhos
ISOURCE
Error Amplifier Source Current
–5
µA
ISINK
Error Amplifier Sink Current
5
µA
ISS
SS Current Source
VSS = 1V
–3
µA
VOV
VOUT Overvoltage Threshold
6.8
V
VOV(HYST)
VOUT Overvoltage Hysteresis
400
mV
Shutdown
VSHDN(LOW)
SHDN Input Low
0.2
V
VSHDN(HIGH)
SHDN Input High
Measured at SW
1.2
V
ISD
SHDN Input Current
1
µA
Reverse Battery
IVOUT,REVBATT
VOUT Reverse-Battery Current
VOUT = 0V, VIN = VSHDN = VSW = –6V
5
µA
IVIN,REVBATT
VIN and VSW Reverse-Battery Current
VOUT = 0V, VIN = VSHDN = VSW = –6V
–5
µA
ISHDN,REVBATT
SHDN Reverse-Battery Current
VOUT = 0V, VIN = VSHDN = VSW = –6V
–5
µA


Similar Part No. - LTC3499EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3499 LINER-LTC3499 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
More results

Similar Description - LTC3499EDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3499 LINER-LTC3499_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
LTC3499B LINER-LTC3499B_15 Datasheet
251Kb / 16P
   750mA Synchronous Step-Up DC/DC Converters with Reverse-Battery Protection
logo
Maxim Integrated Produc...
MAX1832 MAXIM-MAX1832_V01 Datasheet
1Mb / 14P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
2018
MAX1832 MAXIM-MAX1832 Datasheet
511Kb / 12P
   High-Efficiency Step-Up Converters with Reverse Battery Protection
19-1802; Rev 1; 10/03
logo
Linear Technology
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com