Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3523EUD-2-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3523EUD-2-PBF
Description  Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3523EUD-2-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3523EUD-2-PBF Datasheet HTML 3Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 4Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 5Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 6Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 7Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 8Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 9Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 10Page - Linear Technology LTC3523EUD-2-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3523/LTC3523-2
7
3523fb
BLOCK DIAGRAM
16
SHDN1
VIN
1.8V TO 5.5V
2
+
PWM
LOGIC
AND
DRIVERS
SHUTDOWN
AND
VBIAS
ANTI-RING
L1
4.7μH
VIN1
3
PGOOD1
15
10
VBAT
9
VIN2
SW1
VOUT
CIN
47μF
CC2
COUT
10μF
VOUT
STEP-UP
1.8V TO 5.25V
VOUT
STEP-DOWN
0.615V TO 5.5V
1.2V
R1
R2
COUT
10μF
R4
R3
MODE
gm ERROR
AMPLIFIER
ZERO CURRENT
COMP
CC1
RZ
CC1
GND3
RZ
5
4
FB1
STEP-UP
STEP-DOWN
SHARED
MODE
1
SW2
0.66V
GND2
L2
4.7μH
8
FB2
3523 BD
BULK CONTROL
SIGNALS
CURRENT
SENSE
IZERO
COMP
SHDN
MODE
OSC
SLP
+
+
PWM/ILIM
COMP
PWM/ILIM
COMP
ILIM
REF
SLOPE COMPENSATION
PWM
LOGIC
AND
DRIVERS
VOUT
LIMIT
COMP
MODE
OSC
ILIM
REF
0A
SHUTDOWN
AND
VBIAS
SHDN
+
+
+
SLP
+
1.2V
–9%
FB1
OSC
0.6V
1.2V
1V
SLP
+
+
+
MODE
MODE
START-UP
SOFT-START
AND
THERM REG
gm ERROR
AMPLIFIER
MODE
START-UP
SOFT-START
AND
THERM REG
OSCILLATOR
REFERENCE
THERMAL SHDN
11
PGOOD2
13
14
SHDN2
0.6V
–9%
FB2
+
SLOPE COMPENSATION
+
0.6V
12
GND2
7
GND1
6


Similar Part No. - LTC3523EUD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results

Similar Description - LTC3523EUD-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
XC9268 TOREX-XC9268 Datasheet
1Mb / 30P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XD9267 TOREX-XD9267 Datasheet
873Kb / 26P
   36V Operation 600mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527 LINER-LTC3527_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
logo
Torex Semiconductor
XC9236A33DMR TOREX-XC9236A33DMR Datasheet
895Kb / 33P
   600mA Driver Tr. Built-In, Synchronous Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com