Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3642IMS8E-5-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3642IMS8E-5-PBF
Description  High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3642IMS8E-5-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3642IMS8E-5-PBF Datasheet HTML 7Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 8Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 9Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 10Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 11Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 12Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 13Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 14Page - Linear Technology LTC3642IMS8E-5-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3642
11
3642f
APPLICATIONS INFORMATION
Figure 3. Switching Frequency for VOUT = 3.3V
Figure 2. Switching Frequency for VOUT = 5V
Figure 4. Recommended Inductor Values for Maximum Efficiency
where board area is not a limiting factor, inductors with
larger cores can be used, which extends the recommended
range of Figure 4 to larger values.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcing the use of the more expensive ferrite cores. Actual
core loss is independent of core size for a fixed inductor
value but is very dependent of the inductance selected.
As the inductance increases, core losses decrease. Un-
fortunately, increased inductance requires more turns of
wire and therefore copper losses will increase.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper loss and preventing saturation.
Ferrite core material saturates “hard,” which means that
inductance collapses abruptly when the peak design current
is exceeded. This results in an abrupt increase in inductor
ripple current and consequently output voltage ripple. Do
not allow the core to saturate!
Different core materials and shapes will change the
size/current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy ma-
terials are small and do not radiate energy but generally
cost more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs size requirements and any
radiated field/EMI requirements. New designs for surface
mount inductors are available from Coiltronics, Coilcraft,
Toko, Sumida and Vishay.
CIN and COUT Selection
The input capacitor, CIN, is needed to filter the trapezoidal
current at the source of the top high side MOSFET. To
prevent large ripple voltage, a low ESR input capacitor
sized for the maximum RMS current should be used.
Approximate RMS current is given by:
II
V
V
V
V
RMS
OUT MAX
OUT
IN
IN
OUT
=−
() ••
1
VIN INPUT VOLTAGE (V)
5
400
500
600
35
3642 F02
300
200
15
25
45
30
10
20
40
100
0
700
L = 47μH
L = 68μH
L = 100μH
L = 150μH
L = 220μH
L = 470μH
VOUT = 5V
ISET OPEN
VIN INPUT VOLTAGE (V)
5
0
50
150
200
250
500
350
15
25
30
3642 F03
100
400
450
300
10
20
35
40
45
L = 470μH
L = 220μH
L = 150μH
L = 100μH
L = 68μH
L = 47μH
VOUT = 3.3V
ISET OPEN
PEAK INDUCTOR CURRENT (mA)
100
1000
10000
10
100
3642 F04


Similar Part No. - LTC3642IMS8E-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3642 LINER-LTC3642 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LTC3642 LINER-LTC3642 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3642 LINER-LTC3642 Datasheet
269Kb / 26P
   High Efficiency, 65V 500mA Synchronous
LTC3642 LINER-LTC3642 Datasheet
407Kb / 28P
   40V, 1A Synchronous Step-Down Converter 1A Guaranteed Output Current
More results

Similar Description - LTC3642IMS8E-5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC3642 LINER-LTC3642_15 Datasheet
1Mb / 22P
   High Efficiency, High Voltage 50mA Synchronous Step-Down Converter
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3555 LINER-LTC3555 Datasheet
295Kb / 32P
   High Effi ciency USB Power Manager Triple Step-Down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com