Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3672BEDC-1-PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3672BEDC-1-PBF
Description  Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm2mm DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3672BEDC-1-PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC3672BEDC-1-PBF Datasheet HTML 1Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 2Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 3Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 4Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 5Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 6Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 7Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 8Page - Linear Technology LTC3672BEDC-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3672B-1
2
3672B1f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................... –0.3V to 6V
VIN1, BUCKOUT, ENALL, SW,
LDO2 ...........–0.3V to the lesser of (VIN + 0.3V) or 6V
LDO1 ............. –0.3V to the lesser of (VIN1 + 0.3V) or 6V
Junction Temperature ........................................... 125°C
Operating Temperature Range...................... –40 to 85°C
Storage Temperature Range....................... –65 to 125°C
(Notes 1, 2, 3)
TOP VIEW
SW
GND
ENALL
BUCKOUT
VIN
LDO2
LDO1
VIN1
DC PACKAGE
8-LEAD (2mm 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise noted.
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3672BEDC-1#PBF
LTC3672BEDC-1#TRPBF
LCWH
8-Lead (2mm
× 2mm) Plastic DFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
*For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input Voltage Range
2.9
5.5
V
VUVLO
VIN Undervoltage Lockout Threshold
VIN Rising
1.7
2
V
Undervoltage Lockout Hysteresis
12
100
mV
IQ,VIN
VIN Quiescent Current
All Outputs Enabled, No Load
Shutdown
(Note 4)
VBUCKOUT = 1.9V
VENALL = 0V
260
400
1
μA
μA
IQ,VIN1
VIN1 Quiescent Current
All Outputs Enabled, No Load
Shutdown
VIN1 = 1.8V
VENALL = 0V
2.3
5
1
μA
μA
VIL
ENALL Pin Logic Low Voltage
0.4
V
VIH
ENALL Pin Logic High Voltage
1.2
V
RENALL
ENALL Pin Pulldown Resistance
5.5
M
Ω
Synchronous Buck Regulator
fOSC
Oscillator Frequency
1.8
2.25
2.7
MHz
VBUCKOUT
Regulated Output Voltage
1.755
1.8
1.845
V
IMAXP
PMOS Switch Maximum Peak Current (Note 5)
550
800
1100
mA
IOUT,BUCK
Available Output Current
400
mA
RP,BUCK
PMOS Switch On-Resistance
0.6
Ω
RN,BUCK
NMOS Switch On-Resistance
0.7
Ω


Similar Part No. - LTC3672BEDC-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672BEDC-2-PBF LINER-LTC3672BEDC-2-PBF Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3672BEDC-2-TRPBF LINER-LTC3672BEDC-2-TRPBF Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
More results

Similar Description - LTC3672BEDC-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3672B-2 LINER-LTC3672B-2 Datasheet
149Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs in 2mm 횞 2mm DFN
LTC3670 LINER-LTC3670 Datasheet
219Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA LDOs in 3mm 횞 2mm DFN
LTC3672B-2 LINER-LTC3672B-2_15 Datasheet
163Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual 150mA LDOs
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
LTC3670 LINER-LTC3670_15 Datasheet
216Kb / 12P
   Monolithic 400mA Buck Regulator with Dual 150mA
LTC3672B-1 LINER-LTC3672B-1_15 Datasheet
177Kb / 12P
   Monolithic Fixed-Output 400mA Buck Regulator with Dual
LT6660 LINER-LT6660 Datasheet
404Kb / 12P
   Tiny Micropower Precision Series References in 2mm 횞 2mm DFN
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
logo
Linear Technology
LTC4095 LINER-LTC4095 Datasheet
230Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger in 2mm 횞 2mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com