Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3525-3 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3525-3
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525-3 Datasheet(HTML) 3 Page - Linear Technology

  LTC3525-3 Datasheet HTML 1Page - Linear Technology LTC3525-3 Datasheet HTML 2Page - Linear Technology LTC3525-3 Datasheet HTML 3Page - Linear Technology LTC3525-3 Datasheet HTML 4Page - Linear Technology LTC3525-3 Datasheet HTML 5Page - Linear Technology LTC3525-3 Datasheet HTML 6Page - Linear Technology LTC3525-3 Datasheet HTML 7Page - Linear Technology LTC3525-3 Datasheet HTML 8Page - Linear Technology LTC3525-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC3525-3/
LTC3525-3.3/LTC3525-5
3
3525fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3525E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Specification is guaranteed by design and not 100% tested in
production.
(LTC3525-3.3)
ELECTRICAL CHARACTERISTICS
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 1.2V, V⎯S⎯H⎯D⎯N = 1.2V, VOUT = 3.3V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
0.85
1
V
Output Voltage
(Note 6)
3.20
3.30
3.40
V
Quiescent Current, VOUT
⎯S⎯H⎯D⎯N = VIN (Note 4)
7
15
µA
Quiescent Current, VIN
⎯S⎯H⎯D⎯N = VIN (Note 4)
0.5
3
µA
Quiescent Current, VIN - Shutdown
⎯S⎯H⎯D⎯N = 0V, VOUT = 0V
Not Including Switch Leakage
0.1
1
µA
NMOS Switch Leakage
VIN = VOUT = VSW = 5V, ⎯S⎯H⎯D⎯N = 0V
0.1
1
µA
PMOS Switch Leakage
VIN = VSW = 5V, VOUT = 0V, ⎯S⎯H⎯D⎯N = 0V
0.1
3
µA
NMOS Switch On Resistance
(Note 3)
0.5
Ω
PMOS Switch On Resistance
(Note 3)
0.8
Ω
Peak Current Limit
0.4
0.45
A
⎯S⎯H⎯D⎯N Threshold
0.4
0.6
1
V
⎯S⎯H⎯D⎯N Input Current
V⎯S⎯H⎯D⎯N = VIN or VOUT
0.01
1
µA
(LTC3525-5)
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VIN = 2.4V, V⎯S⎯H⎯D⎯N = 2.4V, VOUT = 5V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Start-Up Voltage
0.85
1
V
Output Voltage
(Note 6)
4.85
5.00
5.15
V
Quiescent Current, VOUT
⎯S⎯H⎯D⎯N = VIN (Note 4)
8
18
µA
Quiescent Current, VIN
⎯S⎯H⎯D⎯N = VIN (Note 4)
1.5
5
µA
Quiescent Current, VIN - Shutdown
⎯S⎯H⎯D⎯N = 0V, VOUT = 0V
Not Including Switch Leakage
0.1
1
µA
NMOS Switch Leakage
VIN = VOUT = VSW = 5V, ⎯S⎯H⎯D⎯N = 0V
0.1
1
µA
PMOS Switch Leakage
VIN = VSW = 5V, VOUT = 0V, ⎯S⎯H⎯D⎯N = 0V
0.1
3
µA
NMOS Switch On Resistance
(Note 3)
0.4
Ω
PMOS Switch On Resistance
(Note 3)
0.7
Ω
Peak Current Limit
0.4
0.5
A
⎯S⎯H⎯D⎯N Threshold
0.4
0.6
1
V
⎯S⎯H⎯D⎯N Input Current
V⎯S⎯H⎯D⎯N = VIN or VOUT
0.01
1
µA
Note 4: Current Measurements are performed when the LTC3525 is not
switching.
Note 5: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: Consult LTC Marketing for other output voltage options.


Similar Part No. - LTC3525-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3 LINER-LTC3525-3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3525-3 LINER-LTC3525-3 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3525-3 LINER-LTC3525-3 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
More results

Similar Description - LTC3525-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3 Datasheet
240Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525D-3.3 LINER-LTC3525D-3.3 Datasheet
224Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
   400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com