Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3525D-3.3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3525D-3.3
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525D-3.3 Datasheet(HTML) 1 Page - Linear Technology

  LTC3525D-3.3 Datasheet HTML 1Page - Linear Technology LTC3525D-3.3 Datasheet HTML 2Page - Linear Technology LTC3525D-3.3 Datasheet HTML 3Page - Linear Technology LTC3525D-3.3 Datasheet HTML 4Page - Linear Technology LTC3525D-3.3 Datasheet HTML 5Page - Linear Technology LTC3525D-3.3 Datasheet HTML 6Page - Linear Technology LTC3525D-3.3 Datasheet HTML 7Page - Linear Technology LTC3525D-3.3 Datasheet HTML 8Page - Linear Technology LTC3525D-3.3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3525D-3.3
1
3525d33f
LOAD (mA)
0.01
0.1
100
90
80
70
60
50
40
30
20
100
10
1
0.1
0.01
1
10
1000
100
LT3525 • TA02
EFFICIENCY
POWER LOSS
VIN = 3V
VIN = 2.4V
VIN = 1.2V
400mA Micropower
Synchronous Step-Up DC/DC
Converter with Pass Through Mode
The LTC®3525D-3.3 is a high efficiency synchronous step-
up DC/DC converter that can start up with an input as low
as 0.85V. It offers a compact, high efficiency alternative to
charge pumps in single cell or dual cell alkaline or Li-ion
applications. Only three small external components are
required. The LTC3525D features a fixed output voltage
of 3.3V. In shutdown, VOUT is connected to VIN through
the inductor.
The device includes a 0.5Ω N-channel MOSFET switch
and a 0.8Ω P-channel synchronous rectifier. Peak switch
current ranges from 150mA to 400mA, depending on
load, providing enhanced efficiency. Quiescent current
is an ultralow 7µA, maximizing battery life in portable
applications.
Other features include anti-ringing control and thermal
shutdown. The LTC3525D is available in a tiny 6-pin SC70
package.
MP3 Players
Portable Instruments
Glucose Meters
Digital Cameras
VOUT Connected to VIN in Shutdown
Up to 95% Efficiency
0.85V Minimum Input Start-Up Voltage
Fixed Output Voltage of 3.3V
Delivers 60mA at 3.3V from a 1V Input,
or 140mA at 3.3V from a 1.8V Input
Burst Mode® Operation: IQ = 7µA
VIN Range: 0.5V to 4.5V
Only Three External Components
VIN > VOUT Operation
Antiringing Control
Short-Circuit and Overtemperature Protection
Very Low Profile of 1mm
Tiny 6-Pin SC70 Package
LTC3525D-3.3 Efficiency and
Power Loss vs Load Current
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
L1*
10
µH
3525 TA01
LTC3525D-3.3
*MURATA LQH32CN100K53
VOUT
3.3V
140mA
VOUT
GND
SW
SHDN
GND
VIN
VIN
1.8V to 3.2V
10
µF
1
µF
ON
PASS THROUGH
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Patents Pending.


Similar Part No. - LTC3525D-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525D-3.3 LINER-LTC3525D-3.3 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
More results

Similar Description - LTC3525D-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3 Datasheet
240Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
STMicroelectronics
ST8R00 STMICROELECTRONICS-ST8R00 Datasheet
793Kb / 19P
   Micropower 1A synchronous step-up DC-DC converter
ST8R00PUR STMICROELECTRONICS-ST8R00PUR Datasheet
770Kb / 18P
   Micropower 1 A synchronous step-up DC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com