Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3525LESC6-3 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3525LESC6-3
Description  400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3525LESC6-3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3525LESC6-3 Datasheet HTML 4Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 5Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 6Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 7Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 8Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 9Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 10Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 11Page - Linear Technology LTC3525LESC6-3 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC3525L-3
11
3525lf
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTIO
SC6 Package
6-Lead Plastic SC70
(Reference LTC DWG # 05-08-1638 Rev B)
1.15 – 1.35
(NOTE 4)
1.80 – 2.40
0.15 – 0.30
6 PLCS (NOTE 3)
SC6 SC70 1205 REV B
1.80 – 2.20
(NOTE 4)
0.65 BSC
PIN 1
0.80 – 1.00
1.00 MAX
0.00 – 0.10
REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. DETAILS OF THE PIN 1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE INDEX AREA
7. EIAJ PACKAGE REFERENCE IS EIAJ SC-70
8. JEDEC PACKAGE REFERENCE IS MO-203 VARIATION AB
2.8 BSC
0.47
MAX
0.65
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.8 REF
1.00 REF
INDEX AREA
(NOTE 6)
0.10 – 0.18
(NOTE 3)
0.26 – 0.46
GAUGE PLANE
0.15 BSC
0.10 – 0.40


Similar Part No. - LTC3525LESC6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525L-3 LINER-LTC3525L-3 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3525L-3 LINER-LTC3525L-3 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LTC3525L-3 LINER-LTC3525L-3 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LTC3525L-3 LINER-LTC3525L-3 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3525L-3 LINER-LTC3525L-3 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
More results

Similar Description - LTC3525LESC6-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3 Datasheet
281Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3 Datasheet
321Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3 LINER-LTC3525-3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525D-3.3 LINER-LTC3525D-3.3 Datasheet
224Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
LTC3525D-3.3 LINER-LTC3525D-3.3_15 Datasheet
491Kb / 14P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Pass Through Mode
logo
Monolithic Power System...
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
   400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Linear Technology
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com