Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526BEDC-2-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3526BEDC-2-PBF
Description  500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526BEDC-2-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3526BEDC-2-PBF Datasheet HTML 5Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 6Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 7Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 8Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 9Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 10Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 11Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 12Page - Linear Technology LTC3526BEDC-2-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3526-2/LTC3526B-2
9
35262b2fa
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
when this current reduces to approximately 30mA. This
prevents the inductor current from reversing in polarity,
improving efficiency at light loads.
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P-channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ringing control connects a resistor across the
inductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. Although
the ringing of the resonant circuit formed by L and CSW
(capacitance on SW pin) is low energy, it can cause EMI
radiation.
Output Disconnect
The LTC3526-2/LTC3526B-2 are designed to allow true
output disconnect by eliminating body diode conduction
of the internal P-channel MOSFET rectifier. This allows for
VOUT to go to zero volts during shutdown, drawing no cur-
rent from the input source. It also allows for inrush current
limiting at turn-on, minimizing surge currents seen by the
input supply. Note that to obtain the advantages of output
disconnect, there must not be an external Schottky diode
connected between the SW pin and VOUT. The output dis-
connect feature also allows VOUT to be pulled high, without
any reverse current into a battery connected to VIN.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3526-2/
LTC3526B-2 will go into thermal shutdown. All switches
will be off and the soft-start capacitor will be discharged.
The device will be enabled again when the die temperature
drops by about 15°C.
Burst Mode OPERATION
The LTC3526-2 will automatically enter Burst Mode opera-
tion at light load and return to fixed frequency PWM mode
when the load increases. Refer to the Typical Performance
Characteristics to see the output load Burst Mode thresh-
old current vs VIN. The load current at which Burst Mode
operation is entered can be changed by adjusting the
inductor value. Raising the inductor value will lower the
load current at which Burst Mode operation is entered.
In Burst Mode operation, the LTC3526-2 still switches at
a fixed frequency of 2MHz, using the same error amplifier
and loop compensation for peak current mode control.
This control method eliminates any output transient when
switching between modes. In Burst Mode operation, en-
ergy is delivered to the output until it reaches the nominal
regulation value, then the LTC3526-2 transitions to sleep
mode where the outputs are off and the LTC3526-2 con-
sumes only 9μA of quiescent current from VOUT. When the
output voltage droops slightly, switching resumes. This
maximizes efficiency at very light loads by minimizing
switching and quiescent losses. Burst Mode output voltage
ripple, which is typically 1% peak-to-peak, can be reduced
by using more output capacitance (10μF or greater), or
with a small capacitor (10pF to 50pF) connected between
VOUT and FB.
As the load current increases, the LTC3526-2 will automati-
cally leave Burst Mode operation. Note that larger output
capacitor values may cause this transition to occur at lighter
loads. Once the LTC3526-2 has left Burst Mode operation
and returned to normal operation, it will remain there until
the output load is reduced below the burst threshold.
Burst Mode operation is inhibited during start-up and soft-
start and until VOUT is at least 0.24V greater than VIN.
The LTC3526B-2 features continuous PWM operation at
2MHz. At very light loads, the LTC3526B-2 will exhibit
pulse-skip operation.
(Refer to Block Diagram)
OPERATION


Similar Part No. - LTC3526BEDC-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526BEDC-PBF LINER-LTC3526BEDC-PBF Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526BEDC-TRPBF LINER-LTC3526BEDC-TRPBF Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
More results

Similar Description - LTC3526BEDC-2-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3427 LINER-LTC3427_15 Datasheet
213Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 2mm DFN Package
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com