Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526LBEDC-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3526LBEDC-PBF
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LBEDC-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3526LBEDC-PBF Datasheet HTML 1Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 2Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 3Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 4Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 5Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 6Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 7Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 8Page - Linear Technology LTC3526LBEDC-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3526L/LTC3526LB
1
3526lfb
550mA 1MHz Synchronous
Step-Up DC/DC Converters
in 2mm × 2mm DFN
The LTC
®3526L/LTC3526LB are synchronous, fixed
frequency step-up DC/DC converters with output discon-
nect. Synchronous rectification enables high efficiency in
the low profile 2mm × 2mm DFN package. Battery life in
single AA/AAA powered products is extended further with
a 680mV start-up voltage and operation down to 500mV
once started.
A switching frequency of 1MHz minimizes solution foot-
print by allowing the use of tiny, low profile inductors
and ceramic capacitors. The current mode PWM design
is internally compensated, reducing external parts count.
The LTC3526L features Burst Mode operation at light load
conditions allowing it to maintain high efficiency over a
wide range of load. The LTC3526LB features fixed frequency
operation for low noise applications. Anti-ring circuitry
reduces EMI by damping the inductor in discontinuous
mode. Additional features include a low shutdown current
of under 1μA and thermal shutdown.
The LTC3526L/LTC3526LB are housed in a 2mm × 2mm
× 0.75mm DFN package.
Medical Instruments
Noise Canceling Headphones
Wireless Mice
Bluetooth Headsets
Delivers 3.3V at 100mA from a Single Alkaline/
NiMH Cell or 3.3V at 200mA from Two Cells
VIN Start-Up Voltage: 680mV
1.5V to 5.25V VOUT Range
Up to 94% Efficiency
Output Disconnect
1MHz Fixed Frequency Operation
VIN > VOUT Operation
Integrated Soft-Start
Current Mode Control with Internal Compensation
Burst Mode
® Operation with 9μA IQ (LTC3526L)
Low Noise PWM Operation (LT3526LB)
Internal Synchronous Rectifier
Logic Controlled Shutdown (IQ < 1μA)
Anti-Ring Control
Low Profile (2mm × 2mm × 0.75mm)
DFN-6 Package
, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology
Corporation. All other trademarks are the property of their respective owners.
SW
VIN
1.78M
1M
3526 TA01a
LTC3526L
SHDN
VOUT
FB
VIN
1.6V TO 3.2V
VOUT
3.3V
200mA
OFF ON
4.7μH
4.7μF
4.7μF
GND
LOAD CURRENT (mA)
0.01
40
50
60
70
80
0.1
1
10
100
1000
3526 TA01b
30
20
10
0
90
100
1
10
100
0.1
0.01
1000
EFFICIENCY
POWER LOSS
VIN = 2.4V
Efficiency and Power Loss vs Load Current
TYPICAL APPLICATION
APPLICATIONS
FEATURES
DESCRIPTION


Similar Part No. - LTC3526LBEDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526LB LINER-LTC3526LB Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526LB LINER-LTC3526LB Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526LB LINER-LTC3526LB Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3526LBEDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com