Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3707EGN-TR Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3707EGN-TR
Description  High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3707EGN-TR Datasheet(HTML) 5 Page - Linear Technology

  LTC3707EGN-TR Datasheet HTML 1Page - Linear Technology LTC3707EGN-TR Datasheet HTML 2Page - Linear Technology LTC3707EGN-TR Datasheet HTML 3Page - Linear Technology LTC3707EGN-TR Datasheet HTML 4Page - Linear Technology LTC3707EGN-TR Datasheet HTML 5Page - Linear Technology LTC3707EGN-TR Datasheet HTML 6Page - Linear Technology LTC3707EGN-TR Datasheet HTML 7Page - Linear Technology LTC3707EGN-TR Datasheet HTML 8Page - Linear Technology LTC3707EGN-TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC3707
5
3707fb
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Input Voltage
and Mode (Figure 13)
EXTVCC Voltage Drop
INTVCC and EXTVCC Switch
Voltage vs Temperature
Internal 5V LDO Line Reg
Maximum Current Sense
Threshold vs Duty Factor
Maximum Current Sense
Threshold vs Percent of Nominal
Output Voltage (Foldback)
Maximum Current Sense
Threshold vs VRUN/SS (Soft-Start)
Maximum Current Sense Threshold
vs Sense Common Mode Voltage
Current Sense Threshold
vs ITH Voltage
INPUT VOLTAGE (V)
05
0
400
1000
10
20
25
3707 G04
200
800
600
15
30
BOTH
CONTROLLERS ON
STANDBY
SHUTDOWN
CURRENT (mA)
0
200
150
100
50
0
40
3707 G05
10
20
30
TEMPERATURE (°C)
–50
4.95
5.00
5.05
25
75
3707 G06
4.90
4.85
–25
0
50
100
125
4.80
4.70
4.75
INTVCC VOLTAGE
EXTVCC SWITCHOVER THRESHOLD
INPUT VOLTAGE (V)
0
4.8
4.9
5.1
15
25
3707 G07
4.7
4.6
510
20
30
4.5
4.4
5.0
ILOAD = 1mA
DUTY FACTOR (%)
0
0
25
50
75
20
40
60
80
3707 G08
100
PERCENT ON NOMINAL OUTPUT VOLTAGE (%)
0
40
50
60
100
3707 G09
30
20
0
25
50
75
10
80
70
VRUN/SS (V)
0
0
20
40
60
80
12
3
4
3707 G10
56
VSENSE(CM) = 1.6V
COMMON MODE VOLTAGE (V)
0
72
76
80
4
3707 G11
68
64
60
1
2
3
5
VITH (V)
0
30
50
70
90
2
3707 G12
10
–10
20
40
60
80
0
–20
–30
0.5
1
1.5
2.5


Similar Part No. - LTC3707EGN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707EGN-SYNC LINER-LTC3707EGN-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-PBF LINER-LTC3707EGN-SYNC-PBF Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-TR LINER-LTC3707EGN-SYNC-TR Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707EGN-SYNC-TRPBF LINER-LTC3707EGN-SYNC-TRPBF Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results

Similar Description - LTC3707EGN-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
LTC1877 LINER-LTC1877_15 Datasheet
245Kb / 18P
   High Effi ciency Monolithic Synchronous Step-Down Regulator
LTC3632 LINER-LTC3632 Datasheet
469Kb / 22P
   High Effi ciency, High Voltage 20mA Synchronous Step-Down Converter
LTC3642 LINER-LTC3642 Datasheet
281Kb / 20P
   High Effi ciency, High Voltage 50mA Synchronous Step-Down Converter
LTC3631 LINER-LTC3631 Datasheet
376Kb / 22P
   High Effi ciency, High Voltage 100mA Synchronous Step-Down Converter
LTC1628-SYNC LINER-LTC1628-SYNC_15 Datasheet
672Kb / 32P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3727LX-1 LINER-LTC3727LX-1_15 Datasheet
426Kb / 28P
   High Efficiency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com