Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3526LBEDC-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3526LBEDC-TRPBF
Description  550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3526LBEDC-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3526LBEDC-TRPBF Datasheet HTML 5Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 6Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 7Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 8Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 9Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 10Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 11Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 12Page - Linear Technology LTC3526LBEDC-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC3526L/LTC3526LB
9
3526lfb
Zero Current Comparator
The zero current comparator monitors the inductor cur-
rent to the output and shuts off the synchronous rectifier
when this current reduces to approximately 30mA. This
prevents the inductor current from reversing in polarity,
improving efficiency at light loads.
Synchronous Rectifier
To control inrush current and to prevent the inductor
current from running away when VOUT is close to VIN, the
P-channel MOSFET synchronous rectifier is only enabled
when VOUT > (VIN + 0.24V).
Anti-Ringing Control
The anti-ring circuit connects a resistor across the in-
ductor to prevent high frequency ringing on the SW pin
during discontinuous current mode operation. Although
the ringing of the resonant circuit formed by L and CSW
(capacitance on SW pin) is low energy, it can cause EMI
radiation.
Output Disconnect
The LTC3526L/LTC3526LB are designed to allow true
output disconnect by eliminating body diode conduction
of the internal P-channel MOSFET rectifier. This allows for
VOUT to go to zero volts during shutdown, drawing no cur-
rent from the input source. It also allows for inrush current
limiting at turn-on, minimizing surge currents seen by the
input supply. Note that to obtain the advantages of output
disconnect, there must not be an external Schottky diode
connected between SW and VOUT. The output disconnect
feature also allows VOUT to be pulled high, without any
reverse current into a battery connected to VIN.
Thermal Shutdown
If the die temperature exceeds 160°C, the LTC3526L/
LTC3526LB will go into thermal shutdown. All switches
will be off and the soft-start capacitor will be discharged.
The device will be enabled again when the die temperature
drops by about 15°C.
Burst Mode OPERATION
The LTC3526L will enter Burst Mode operation at light load
current and return to fixed frequency PWM mode when the
load increases. Refer to the Typical Performance Character-
istics to see the output load Burst Mode threshold current
vs VIN. The load current at which Burst Mode operation is
entered can be changed by adjusting the inductor value.
Raising the inductor value will lower the load current at
which Burst Mode operation is entered.
In Burst Mode operation, the LTC3526L still switches at a
fixed frequency of 1MHz, using the same error amplifier
and loop compensation for peak current mode control.
This control method eliminates any output transient
when switching between modes. In Burst Mode opera-
tion, energy is delivered to the output until it reaches the
nominal regulation value, then the LTC3526L transitions
to sleep mode where the outputs are off and the LTC3526L
consumes only 9μA of quiescent current from VOUT. When
the output voltage droops slightly, switching resumes.
This maximizes efficiency at very light loads by minimizing
switching and quiescent losses. Burst Mode output voltage
ripple, which is typically 1% peak-to-peak, can be reduced
by using more output capacitance (10μF or greater), or
with a small capacitor (10pF to 50pF) connected between
VOUT and FB.
As the load current increases, the LTC3526L will auto-
matically leave Burst Mode operation. Note that larger
output capacitor values may cause this transition to
occur at lighter loads. Once the LTC3526L has left Burst
Mode operation and returned to normal operation, it will
remain there until the output load is reduced below the
burst threshold current.
Burst Mode operation is inhibited during start-up and soft-
start and until VOUT is at least 0.24V greater than VIN.
The LTC3526LB features continuous PWM operation at
1MHz. At very light loads, the LTC3526LB will exhibit
pulse-skip operation.
(Refer to Block Diagram)
OPERATION


Similar Part No. - LTC3526LBEDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526LB LINER-LTC3526LB Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3526LB LINER-LTC3526LB Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526LB LINER-LTC3526LB Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3526LB-2 LINER-LTC3526LB-2 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3526LBEDC-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3526 LINER-LTC3526 Datasheet
257Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3528 LINER-LTC3528 Datasheet
268Kb / 16P
   1A, 1MHz Synchronous Step-Up DC/DC Converters in 3mm 횞 2mm DFN
LTC3526EDC LINER-LTC3526EDC Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
logo
Linear Integrated Syste...
LTC3526EDC-2 LINEAR-LTC3526EDC-2 Datasheet
286Kb / 16P
   500mA 1MHz SynchronousStep-Up DC/DC Converters in 2mm 2mm DFN
logo
Linear Technology
LTC3526-2 LINER-LTC3526-2 Datasheet
269Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3427 LINER-LTC3427 Datasheet
208Kb / 12P
   500mA, 1.25MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 2mm DFN Package
LTC3528-2 LINER-LTC3528-2 Datasheet
259Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3528B-2 LINER-LTC3528B-2 Datasheet
225Kb / 16P
   1A, 2MHz Synchronous Step-Up DC/DC Converter in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com