Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CN1J4AT Datasheet(PDF) 3 Page - KOA Speer Electronics, Inc.

Part # CN1J4AT
Description  Chip Networks Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KOA [KOA Speer Electronics, Inc.]
Direct Link  http://www.koaspeer.com
Logo KOA - KOA Speer Electronics, Inc.

CN1J4AT Datasheet(HTML) 3 Page - KOA Speer Electronics, Inc.

  CN1J4AT Datasheet HTML 1Page - KOA Speer Electronics, Inc. CN1J4AT Datasheet HTML 2Page - KOA Speer Electronics, Inc. CN1J4AT Datasheet HTML 3Page - KOA Speer Electronics, Inc. CN1J4AT Datasheet HTML 4Page - KOA Speer Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Bolivar Drive P.O. Box 547 Bradford, PA 16701 USA 814-362-5536 Fax 814-362-8883 www.koaspeer.com
Specifications given herein may be changed at any time without pr ior notice. P lease confir m technical specifications before you order and/or use.
KOA SPEER ELECTRONICS, INC.
SS-208 R5
7. Performance
Temperature
coefficient
Within specified limits
JIS C 5202 5.2B
-55°C/+125°C
Item
Requirement
Test Method
Short-time
overload
± (2.0% ±0.1Ω)
No visual damage
JIS C 5202 5.5A
Rated voltage X 2.5
Resistance to
soldering heat
± (1.0% ±0.1Ω)
JIS C 5202 6.4
260 ± 5°C 10 ± 1 sec.
Solderability
More than 75% of the surface
of electrode shall be covered with
new solder
JIS C 5202 6.5
230 ± 5°C 2 ± 0.5 sec.
Heat resistance
± (1.0% ±0.1Ω)
JIS C 5202 7.2
125 ± 2°C 1,000h
Endurance
(moisture load)
± (5.0% ±0.1Ω)
JIS C 5202 7.9
40 ± 2°C/90~95%RH
rated voltage 1,000 + 48 hour
0
Endurance
(rated load)
± (5.0% ±0.1Ω)
JIS C 5202 7.10
70 ± 2°C
rated voltage 1,000 + 48 hour
0
Temperature
cycling
± (1.0% ±0.1Ω)
No mechanical damage
JIS C 5202 7.4
5 cycles of the change in temperature
given in the following steps
Step
1: -55 ± 3°C/30 min.
2: Normal temp. 10 to 15 min.
3: 125 ± 3°C/30 min.
4: Normal temp. 10 to 15 min.
6. Body Color and Marking
CN_A: Body Color:
Black
Marking Color: White
CNZ: Convex type has black body
with white “000” marking
10 3
103
Nominal resistance at 3-digit numbers
3-digit numbers
The first and the second numbers shall be shown 2 effective
numbers, and the third number shall be shown a multiple of 10.
Example:
103
10,000
10k
472
4,700
4.7k
PAGE 3 OF 4
SS-208 R4
5/24/07
10:26 AM
Page 3


Similar Part No. - CN1J4AT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CN1J4ATRDD101F KOA-CN1J4ATRDD101F Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATRDD101J KOA-CN1J4ATRDD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTD101F KOA-CN1J4ATTD101F Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTD101J KOA-CN1J4ATTD101J Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
CN1J4ATTE101F KOA-CN1J4ATTE101F Datasheet
242Kb / 2P
   convex termination with scalloped corners resistor array
More results

Similar Description - CN1J4AT

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CNB2B9Z KOA-CNB2B9Z Datasheet
113Kb / 4P
   Chip Networks Resistors
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Rohm
MNR18 ROHM-MNR18_1 Datasheet
107Kb / 5P
   Chip resistor networks
MNR32 ROHM-MNR32_1 Datasheet
105Kb / 6P
   Chip resistor networks
MNR34 ROHM-MNR34_1 Datasheet
107Kb / 6P
   Chip resistor networks
logo
Panasonic Semiconductor
EXB-A10P333J PANASONIC-EXB-A10P333J Datasheet
118Kb / 2P
   Chip Resistor Networks
logo
Rohm
MNR02 ROHM-MNR02 Datasheet
246Kb / 5P
   Chip resistor networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com